Electronic Components Datasheet Search
  English  ▼

X  

TSB41BA3IPFP Datasheet(PDF) 43 Page - Texas Instruments

Part # TSB41BA3IPFP
Description  IEEE1394B THREE PORT CABLE TRANSCEIVER/ARBITER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3IPFP Datasheet(HTML) 43 Page - Texas Instruments

Back Button TSB41BA3IPFP Datasheet HTML 39Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 40Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 41Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 42Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 43Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 44Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 45Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 46Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
TSB41BA3
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS155A − MAY 2003 − REVISED OCTOBER 2003
43
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION (1394a-2000 INTERFACE)
transmit (continued)
The sequence of events for a cancelled/null packet transmission is as follows:
(a) Transmit operation initiated. PHY asserts grant on the CTL lines followed by idle to hand over control of the
interface to the link.
(b) Optional idle cycle. The link may assert at most one idle cycle preceding assertion of hold. This idle cycle
is optional; the link is not required to assert idle preceding hold.
(c) Optional hold cycles. The link may assert hold for up to 47 cycles preceding assertion of idle. These hold
cycle(s) are optional; the link is not required to assert hold preceding idle.
(d) Null transmit termination. The null transmit operation is terminated by the link asserting two cycles of idle
on the CTL lines and then releasing the interface and returning control to the PHY. Note that the link may
assert idle for a total of three consecutive cycles if it asserts the optional first idle cycle but does not assert
hold. It is recommended that the link assert three cycles of idle to cancel a packet transmission if no hold
cycles are asserted. This ensures that either the link or PHY controls the interface in all cycles.
(e) After regaining control of the interface, the PHY asserts at least one idle cycle before any subsequent status
transfer, receive operation, or transmit operation.
interface reset and disable
The LLC controls the state of the PHY-LLC interface using the LPS signal. The interface may be placed into a
reset state, a disabled state, or be made to initialize and then return to normal operation. When the interface
is not operational (whether reset, disabled, or in the process of initialization), the PHY cancels any outstanding
bus request or register read request, and ignores any requests made via the LREQ line. Additionally, any status
information generated by the PHY is not queued and does not cause a status transfer upon restoration of the
interface to normal operation.
The LPS signal may be either a level signal or a pulsed signal, depending upon whether the PHY-LLC interface
is a direct connection or is made across an isolation barrier. When an isolation barrier exists between the PHY
and LLC the LPS signal must be pulsed. In a direct connection, the LPS signal may be either a pulsed or a level
signal. Timing parameters for the LPS signal are given in Table 22.
Table 22. LPS Timing Parameters
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
TLPSL
LPS low time (when pulsed) (see Note 5)
0.09
2.60
µs
TLPSH
LPS high time (when pulsed) (see Note 5)
0.021
2.60
µs
TLPSH
LPS duty cycle (when pulsed) (see Note 6)
20%
60%
TLPS_RESET
Time for PHY to recognize LPS deasserted and reset the interface
2.60
2.68
µs
TLPS_DISABLE
Time for PHY to recognize LPS deasserted and disable the interface
26.03
26.11
µs
TRESTORE
Time to permit optional isolation circuits to restore during an interface reset
15
23†
µs
TCLK_ACTIVATE Time for PCLK to be activated from reassertion of LPS
PHY not in low-state
60
ns
TCLK_ACTIVATE Time for PCLK to be activated from reassertion of LPS
PHY in low-power state
5.3
7.3
ms
† The maximum value for TRESTORE does not apply when the PHY-LLC interface is disabled, in which case an indefinite time may elapse before
LPS is reasserted. Otherwise, in order to reset but not disable the interface it is necessary that the LLC ensure that LPS is deasserted for less
than TLPS_DISABLE.
NOTES:
3. The specified TLPSL and TLPSH times are worst-case values appropriate for operation with the TSB41BA3. These values are broader
than those specified for the same parameters in the 1394a-2000 Supplement (that is, an implementation of LPS that meets the
requirements of 1394a-2000 operates correctly with the TSB41BA3).
4. A pulsed LPS signal must have a duty cycle (ratio of TLPSH to cycle period) in the specified range to ensure proper operation when
using an isolation barrier on the LPS signal (for example, as shown in Figure 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com