Electronic Components Datasheet Search
  English  ▼

X  

TSB41BA3IPFP Datasheet(PDF) 3 Page - Texas Instruments

Part # TSB41BA3IPFP
Description  IEEE1394B THREE PORT CABLE TRANSCEIVER/ARBITER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3IPFP Datasheet(HTML) 3 Page - Texas Instruments

  TSB41BA3IPFP Datasheet HTML 1Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 2Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 3Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 4Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 5Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 6Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 7Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 8Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
TSB41BA3
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS155A − MAY 2003 − REVISED OCTOBER 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
NOTE:
The BMODE terminal does not select the cable interface mode of operation. The BMODE terminal
selects the PHY-link interface mode of operation and affects the arbitration modes on the cable.
When the BMODE terminal is deasserted, the PHY-link interface is placed in 1394a-2000 mode and
BOSS arbitration is disabled. When the BMODE terminal is asserted, the PHY-link interface is
placed in 1394b-2002 mode and BOSS arbitration is enabled.
During packet reception the serial data bits are split into two-, four-, or eight-bit parallel streams (depending upon
the indicated receive speed and the PHY-link interface mode of operation), resynchronized to the local system
clock and sent to the associated LLC. The received data is also transmitted (repeated) on the other connected
and active cable ports.
Both the twisted pair A (TPA) and the twisted pair B (TPB) cable interfaces incorporate differential comparators
to monitor the line states during initialization and arbitration when connected to a 1394a-2000 compliant device.
The outputs of these comparators are used by the internal logic to determine the arbitration status. The TPA
channel monitors the incoming cable common-mode voltage. The value of this common-mode voltage is used
during 1394a-mode arbitration and sets the speed of the next packet transmission. In addition, the TPB channel
monitors the incoming cable common-mode voltage on the TPB pair for the presence of the remotely supplied
twisted pair bias (TPBIAS) voltage.
When connected to a 1394a-2000 compliant node, the TSB41BA3 provides a 1.86-V nominal bias voltage at
the TPBIAS terminal for port termination. The PHY contains three independent TPBIAS circuits (one for each
port). This bias voltage, when seen through a cable by a remote receiver, indicates the presence of an active
connection. This bias voltage source must be stabilized by an external filter capacitor of 1
µF.
The line drivers in the TSB41BA3, are designed to work with external 112-
Ω termination resistor networks in
order to match the 110-
Ω cable impedance. One termination network is required at each end of a twisted-pair
cable. Each network is composed of a pair of series-connected ~56-
Ω resistors. The midpoint of the pair of
resistors that are connected to the TPA terminals is connected to its corresponding TPBIAS voltage terminal.
The midpoint of the pair of resistors that are directly connected to the TPB terminals is coupled to ground through
a parallel RC network with recommended values of 5 k
Ω and 270 pF. The values of the external line-termination
resistors are designed to meet the standard specifications when connected in parallel with the internal receiver
circuits. A precision external resistor connected between the R0 and R1 terminals sets the driver output current,
along with other internal operating currents.
When the power supply of the TSB41BA3 is off while the twisted-pair cables are connected, the TSB41BA3
transmitter and receiver circuitry present a high-impedance signal to the cable that does not load the device at
the other end of the cable.
When the TSB41BA3 is used without one or more of the ports brought out to a connector, the twisted-pair
terminals of the unused ports must be terminated for reliable operation. For each unused port, the preferred
method is for the port to be forced to the 1394a-only mode (data-strobe-only mode, DS), then the TPB+ and
TPB– terminals can be tied together and then pulled to ground; or the TPB+ and TPB– terminals can be
connected to the suggested normal termination network. The TPA+ and TPA– terminals of an unused port can
be left unconnected. The TPBIAS#_SD# terminal may be left unconnected.
If the port is left in bilingual (Bi) mode, then the TPB+ and TPB– terminals may be left unconnected or the TPB+
and TPB– terminals can be connected to the suggested normal termination network. The TPA+ and TPA–
terminals of an unused port can be left unconnected. The TPBIAS#_SD# terminal can be left unconnected.
If the port is left in a forced 1394b beta only (B1, B2, or B4) mode, then the TPB+ and TPB– terminals may be
left unconnected or the TPB+ and TPB– terminals can be connected to the suggested normal termination
network. The TPA+ and TPA– terminals of an unused port can be left unconnected. The TPBIAS#_SD# terminal
must be pulled to ground through a 1.2-k
Ω or less resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com