Electronic Components Datasheet Search
  English  ▼

X  

AL440B Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # AL440B
Description  4Mbits (512k x 8-bit) FIFO memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL440B Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button AL440B Datasheet HTML 25Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 26Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 27Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 28Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 29Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 30Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 31Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 32Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 33Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
AL440B
November 28, 2001
32
15.0 Application Notes
15.1 Chip Global Reset Recommend Circuit
To ensure a proper reset pulse can be applied to /RESET pin (pin 27) to complete the power-on reset,
the recommend reset circuit is to connect the AL440B /RESET pin (pin 27) to VDD with a 2k
Ω
resistor and to Ground with a 10
µf capacitor as follows.
AL440B Global Reset Circuit
8-bit Input
8-bit Output
DI[7:0]
AL440B
DO[7:0]
/RESET
27
50K
Ohm
2K
Ohm
10 uf
VDD
It is also recommend adding buffers for the power-on reset circuit to increase the driving capability
for any application with multiple AL440B chips.
15.2 The AL440B Reference Schematic
WE
WCK
WRST
RE
RRST
IE
IRDY
OE
RCK
SDA
SDAEN
ORDY
SCL
FAVDD
VDD3S
VDD3S
DI0
DI1
DI2
DI3
DI4
DI5
DI6
DI7
CTL0
CTL1
CTL2
CTL3
CTL4
DO0
DO1
DO2
DO3
DO4
DO5
DO6
DO7
CTL7
CTL8
CTL9
CTL10
CTL11
CTL12
CTL13
CTL14
VDD3S
CTL5
VDD3S
VDD3S
FDVDD
R1
2K
+
C67
10uF
RNSMD1
10
8
1
7
6
2
5
3
4
RNSMD3
10
8
1
7
6
2
5
3
4
C55
0.1uf
L5
FB
1
2
F
B
L7
FB
1
2
F
B
C62
0.1uf
+
C54
10uF
R5
10
R2
2K
C56
0.1uf
C57
0.1uf
R3
2K
R5
10
R7
4.7K
R6
4.7K
RNSMD4
10
8
1
7
6
2
5
3
4
U8
AL440
1
23
2
24
3
25
4
26
6
27
7
8
29
9
30
10
31
11
32
13
33
14
34
5
15
35
16
36
17
37
18
38
39
40
41
22
42
43
44
12
DI0
SDAEN
DI1
SCL
DI2
SDA
DI3
GND
DI4
/RESET
DI5
DI6
VDD
DI7
ORDY
WE
RRST
IE
RCK
WCK
GND
WRST
OE
VDD
IRDY
RE
PLRTY
DO7
TEST
DO6
AVDD
DO5
DO4
VDD
DO3
AGND
DO2
DO1
DO0
GND
Populate R2 or R3 to select
Control Singals polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com