Electronic Components Datasheet Search
  English  ▼

X  

AL440B Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AL440B
Description  4Mbits (512k x 8-bit) FIFO memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL440B Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AL440B Datasheet HTML 7Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 8Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 9Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 10Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 11Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 12Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 13Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 14Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AL440B
AL440B
November 28, 2001
11
Start
Slave addr = 0h Ack
Ack
Ack Stop
Index = 0Fh
Data = F0h
SDA
SCL
AL440B Serial bus Write timing
Suppose data is to be read from register 05h using read slave address 1h, the timing is as follows:
Start
Slave addr = 0h
Ack
Ack
Ack
Index = 05h
Read slave addr = 1h
SDA
SCL
AL440B Serial bus read timing
NAck
Stop
Data read cycle
Stop
Start
11.0 Memory Operation
11.1 Power-On-Reset & Initialization
During the system power on, a 200
µs negative pulse on the /RESET pin is required and will
automatically initialize chip logic. Apply a valid reset pulse to WRST and RRST after power-on-
reset to reset read/write address pointer to zero.
11.2 WRST, RRST Reset Operation
The reset signal can be given at any time regardless of the WE, RE and OE status, however, they still
need to meet the setup time and hold time requirements with reference to the clock input. When the
reset signal is provided during disabled cycles, the reset operation is not executed until cycles are
enabled again.
11.3 Control Signals Polarity Select
The AL440B provides the option for operating polarity on controlling signals. With this feature the
application design can benefit by matching up the operation polarity between AL440B and an
existing interfacing devices without additional glue logic. The operating polarity of control signals
WE, RE, WRST, RRST, IE, OE, IRDY and ORDY are controlled by /PLRTY signal. When
/PLRTY is pulled high all 8 signals will be active low. When /PLRTY is pulled low all 8 signals will
be active high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com