| Electronic Components Datasheet Search |
|
AL440B Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AL440B Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 33 page ![]() AL440B AL440B November 28, 2001 13 L H H ↑ Read address pointer is stopped. Output data is held. Read address pointer will be reset to zero and output is high impedance after RE goes low. H L L ↑ Normal Read operation. H L H ↑ Read address pointer increases. Output is high impedance. (Data skipping function) H H L ↑ Read address pointer is stopped. Output data is held. H H H ↑ Read operation stopped. Read address pointer is stopped. Output is high impedance. /PLRTY = GND RRST RE OE RCK Function H H H ↑ Read reset. The read pointer is reset to zero. Data in the address 0 is output. H H L ↑ Read reset. The read pointer is reset to zero. Output is high impedance. H L H ↑ Read address pointer is stopped. Output data is held. Read address pointer will be reset to zero and data in the address 0 is output after RE goes low. H L L ↑ Read address pointer is stopped. Output data is held. Read address pointer will be reset to zero and output is high impedance after RE goes low. L H H ↑ Normal Read operation. L H L ↑ Read address pointer increases. Output is high impedance. (Data skipping function) L L H ↑ Read address pointer is stopped. Output data is held. L L L ↑ Read operation stopped. Read address pointer is stopped. Output is high impedance. When the new data is read, the read address should be between 192 and 524,287 cycles after the write address pointer, otherwise the output for new data is not guarantee. 11.6 IRDY, ORDY Flags The IRDY, ORDY flags indicate the status of FIFO. The IRDY signal reports whether or not there is space available for writing new data to the FIFO. An ORDY signal reports whether or not there is valid new data available at output. The IRDY and ORDY signals only report the status of the address pointer; they will not stop or affect the read/write operations. The following tables describe the IRDY/ORDY functions under different operating polarities. /PLRTY = VDD Signal State Function H No more free space is available for new input data IRDY L Memory space is available for new input data. ORDY H No new data is available in FIFO memory. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |