Electronic Components Datasheet Search
  English  ▼

X  

AL440B Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AL440B
Description  4Mbits (512k x 8-bit) FIFO memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL440B Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AL440B Datasheet HTML 13Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 14Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 15Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 16Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 17Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 18Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 19Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 20Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AL440B
AL440B
November 28, 2001
17
AL440B Write Window(3)
WSTART
WSTART+1xWSTRIDE
WXSIZE
WYSIZE
Memory Area
WSTART+2xWSTRIDE
WSTART+(WYSIZE-1)x WSTRIDE
WSTART-XSIZE+1
Go
back
to
WSTART
Write Window Area
X-mirror & Y-mirror
Write Window:
WWCTRL[6]: 1
X-mirror
WSTRIDE: negative numer
Y-mirror
11.8 Window Read Register Programming
The operations of Window Read function are same as Window Write. The operation of Window
Read is operated independently from Window Write. The Window Read related registers are listed as
follows:
RSTART_L and RSTART_H define the widow data read starting address.
Addr
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0Bh
RSTART_L
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0Ch
RSTART_H
0
0
0
[12]
[11]
[10]
[9]
[8]
RSTART (Read Start address) <= RSTART_H[4:0] & RSTART_L ;
RSTART range is from 0 to 8191 (block).
RXSIZE_L and RXSIZE_H define the window data read horizontal size.
Addr
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0Dh
RXSIZE_L
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0Eh
RXSIZE_H
0
0
0
0
0
0
[9]
[8]
RXSIZE (Read X Size) <= RXSIZE_H[2:0] & RXSIZE_L ;
WXSIZE range is from 0 to 1023 (block).
RXSTRIDE_L and RXSTRIDE_H define the window data write horizontal width.
Addr
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0Fh
RSTRIDE_L
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
10h
RSTRIDE_H
0
0
0
0
[11]
[10]
[9]
[8]
RSTRIDE (Read Stride) <= RSTRIDE_H[3:0] & RSTRIDE _L ;
RSTRIDE range is from 0 to +4095 (block).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com