| Electronic Components Datasheet Search |
|
AL440B Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AL440B Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers |
|
12 / 33 page ![]() AL440B AL440B November 28, 2001 12 11.4 FIFO Write Operation In the FIFO write operation, 8 bits of write data are input in synchronization with the WCK clock. The FIFO write operation is determined by WRST, WE, IE and WCK signals and the combination of these signals could produce different write result. The /PLRTY signal determines the activated polarity of these control signals. The following tables describe the WRITE functions under different operating polarities. /PLRTY = VDD WRST WE IE WCK Function L - - ↑ Write reset. The write pointer is reset to zero. H L L ↑ Normal Write operation. H L H ↑ Write address pointer increases, but no new data will be written to memory. Old data is retained in memory. (Write mask function) H H - ↑ Write operation stopped. Write address pointer is also stopped. /PLRTY = GND WRST WE IE WCK Function H - - ↑ Write reset. The write pointer is reset to zero. L H H ↑ Normal Write operation. L H L ↑ Write address pointer increases, but no new data will be written to memory. Old data is retained in memory. (Write mask function) L L - ↑ Write operation stopped. Write address pointer is also stopped. 11.5 FIFO Read Operation In the FIFO read operation, 8 bits of read data are available in synchronization with the RCK clock. The access time is stipulated from the rising edge of the RCK clock. The FIFO read operation is determined by RRST, RE, OE and RCK signals, so the combination of these signals could produce varying read results. The /PLRTY signal could decide the activated polarity of these control signals. The following tables describe the READ functions under different operating polarities. /PLRTY = VDD RRST RE OE RCK Function L L L ↑ Read reset. The read pointer is reset to zero. Data in the address 0 is output. L L H ↑ Read reset. The read pointer is reset to zero. Output is high impedance. L H L ↑ Read address pointer is stopped. Output data is held. Read address pointer will be reset to zero and data in the address 0 is output after RE goes low. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |