Electronic Components Datasheet Search
  English  ▼

X  

AL440B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AL440B
Description  4Mbits (512k x 8-bit) FIFO memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL440B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AL440B Datasheet HTML 3Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 4Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 5Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 6Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 7Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 8Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 9Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 10Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
AL440B
AL440B
November 28, 2001
7
output is synchronized with this clock.
RRST
31
I
The RRST is a reset input signal that resets the read
address pointer to 0.
ORDY
30
O
ORDY is a status output flag that reports the FIFO
data availability.
*Note: For the polarity definition of all read control signals (RE, OE, RRST and ORDY), please refer
to /PLRTY pin definition and “Memory Operation” section for details.
Serial Port Bus Signals
Pin name
Pin number
I/O
type
Description
SDA
25
I/O SDA carries the serial bus read/write data bits. The
SDA data bit is valid when the SCL is high after
start up sequence.
SCL
24
I
SCL supplies the serial bus clock signal to FIFO.
The serial data bit is valid when the SCL is high
after start up sequence.
/SDAEN
23
I
/SDAEN controls the enabling/disabling of serial
bus interface. When /SDAEN is high, the serial
interface is disabled and SDA pin is high
impedance. When /SDAEN is low, the serial
interface is enabled and data can be written to or
read from the FIFO registers.
Power/Ground Signals
Pin name
Pin number
I/O
type
Description
VDD
5, 29, 40
-
3.3V
± 10%.
GND
12, 26, 33
-
Ground.
AVDD
18
-
Dedicated power pin for the internal oscillator. 3.3V
± 10%.
AGND
22
-
Dedicated ground pin for the internal oscillator.
Miscellaneous Signals
Pin name
Pin number
I/O
type
Description
/RESET
27
I
The global reset pin /RESET will automatically
initialize chip logic. For the recommended circuit
for the global reset signal, please refer to the
Application Notes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com