Electronic Components Datasheet Search
  English  ▼

X  

AL440B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AL440B
Description  4Mbits (512k x 8-bit) FIFO memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL440B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AL440B Datasheet HTML 2Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 3Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 4Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 5Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 6Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 7Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 8Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 9Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
AL440B
AL440B
November 28, 2001
6
The internal structure of the AL440B consists of an Input/Output buffers, Write Data Registers, Read
Data Registers and main 512k x8 memory cell array and the state-of-the-art logic design that takes
care of addressing and controlling the read/write data.
7.0 Pin Definition and Description
The pin definitions and descriptions are as follows:
Write Bus Signals
Pin name
Pin number
I/O
type
Description
DI[7:0]
9,8,7,6,4,3,2,
1
I
The DI pins input 8bits of data. Data input is
synchronized with the WCK clock. Data is acquired
at the rising edge of WCK clock.
WE
10
I
WE is an input signal that controls the 8bit input
data write and write pointer operation.
IE
11
I
IE is an input signal that controls the enabling/
disabling of the 8bit data input pins. The internal
write address pointer is always incremented at rising
edge of WCK by enabling WE regardless of the IE
level.
WCK
13
I
WCK is the write clock input pin. The write data
input is synchronized with this clock.
WRST
14
I
The WRST is a reset input signal that resets the
write address pointer to 0.
IRDY
15
O
IRDY is a status output flag that reports the FIFO
space availability.
*Note: For the polarity definition of all write control signals (WE, IE, WRST and IRDY), please refer
to /PLRTY pin definition and “Memory Operation” section for details.
Read Bus Signals
Pin name
Pin number
I/O
type
Description
DO[7:0]
36,37,38,39,
41,42,43,44
O
The DO pins output 8bit of data. Data output is
synchronized with the RCK clock. Data is output at
the rising edge of the RCK clock.
RE
35
I
RE is an input signal that controls the 8bit output
data read and read pointer operation.
OE
34
I
OE is an input signal that controls the enabling/
disabling of the 8bit data output pins. The internal
read address pointer is always incremented at rising
edge of RCK by enabling RE regardless of the OE
level.
RCK
32
I
RCK is the read clock input pin. The read data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com