Electronic Components Datasheet Search
  English  ▼

X  

SST12CP12 Datasheet(PDF) 3 Page - Microchip Technology

Part # SST12CP12
Description  2.4 GHz 256 QAM High-Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12CP12 Datasheet(HTML) 3 Page - Microchip Technology

  SST12CP12 Datasheet HTML 1Page - Microchip Technology SST12CP12 Datasheet HTML 2Page - Microchip Technology SST12CP12 Datasheet HTML 3Page - Microchip Technology SST12CP12 Datasheet HTML 4Page - Microchip Technology SST12CP12 Datasheet HTML 5Page - Microchip Technology SST12CP12 Datasheet HTML 6Page - Microchip Technology SST12CP12 Datasheet HTML 7Page - Microchip Technology SST12CP12 Datasheet HTML 8Page - Microchip Technology SST12CP12 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
 2013 Microchip Technology Inc.
DS70005124B-page 3
SST12CP12
1.0
FUNCTIONAL BLOCKS
FIGURE 1-1:
FUNCTIONAL BLOCK DIAGRAM
2
56
8
16
15
1
14
49
11
12
10
13
VCC3
RFOUT
RFOUT
NC
VCCb
3
RFIN
NC
VREF1
Bias Circuit
7
70005121 B1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com