Electronic Components Datasheet Search
  English  ▼

X  

SST12CP12 Datasheet(PDF) 8 Page - Microchip Technology

Part # SST12CP12
Description  2.4 GHz 256 QAM High-Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12CP12 Datasheet(HTML) 8 Page - Microchip Technology

Back Button SST12CP12 Datasheet HTML 4Page - Microchip Technology SST12CP12 Datasheet HTML 5Page - Microchip Technology SST12CP12 Datasheet HTML 6Page - Microchip Technology SST12CP12 Datasheet HTML 7Page - Microchip Technology SST12CP12 Datasheet HTML 8Page - Microchip Technology SST12CP12 Datasheet HTML 9Page - Microchip Technology SST12CP12 Datasheet HTML 10Page - Microchip Technology SST12CP12 Datasheet HTML 11Page - Microchip Technology SST12CP12 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SST12CP12
DS70005124B-page 8
 2013 Microchip Technology Inc.
6.0
256 QAM APPLICATIONS
Typical Dynamic Performance Characteristics
Test Conditions: VCC = 5.0V, VREG = 3.1 V, TA = 25°C, MCS8 40 MHz signal, data duty cycle
23% (60
μs on /200 μs idle) unless otherwise specified
FIGURE 6-1:
EVM VERSUS OUTPUT POWER, 100% DUTY CYCLE
FIGURE 6-2:
DYNAMIC EVM VERSUS OUTPUT POWER, 23% DUTY CYCLE
0
1
2
3
4
5
6
7
8
9
10
5
6
7
8
9 10 1112131415161718192021222324252627
Output Power (dBm)
2412
2442
2472
70005121 F5.0
70005121 F1.1
0
1
2
3
4
5
6
7
8
9
10
5
6
7
8
9 10 1112131415161718192021222324252627
Output Power (dBm)
2412
2442
2472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com