Electronic Components Datasheet Search
  English  ▼

X  

SST12CP12 Datasheet(PDF) 6 Page - Microchip Technology

Part # SST12CP12
Description  2.4 GHz 256 QAM High-Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12CP12 Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST12CP12 Datasheet HTML 2Page - Microchip Technology SST12CP12 Datasheet HTML 3Page - Microchip Technology SST12CP12 Datasheet HTML 4Page - Microchip Technology SST12CP12 Datasheet HTML 5Page - Microchip Technology SST12CP12 Datasheet HTML 6Page - Microchip Technology SST12CP12 Datasheet HTML 7Page - Microchip Technology SST12CP12 Datasheet HTML 8Page - Microchip Technology SST12CP12 Datasheet HTML 9Page - Microchip Technology SST12CP12 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SST12CP12
DS70005124B-page 6
 2013 Microchip Technology Inc.
TABLE 4-3:
AC ELECTRICAL CHARACTERISTICS FOR CONFIGURATION AT 25ºC
Symbol
Parameter
Min.
Typ
Max.
Unit
FL-U
Frequency range in 802.11b/g and 256 QAM applica-
tions
2400
2500
MHz
POUT
Output power at 3% EVM with 802.11g OFDM at 54
Mbps
25
dBm
Output power at 1.75% dynamic EVM with MCS8, 40
MHz
23
dBm
Output power meeting 802.11g spectral mask
28.5
dBm
Output power meeting 256 QAM spectral mask
27
dBm
Output power meeting 802.11b spectral mask
28.5
dBm
G
Power gain
32
33
dB
GVAR
Gain variation over 40 MHz
±0.5
dB
2f
Harmonics at 29 dBm, 802.11b mask compliance
-21
dBm/MHz
2f
Harmonics at 27 dBm
-38
dBm/MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com