Electronic Components Datasheet Search
  English  ▼

X  

SST12CP12 Datasheet(PDF) 5 Page - Microchip Technology

Part # SST12CP12
Description  2.4 GHz 256 QAM High-Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12CP12 Datasheet(HTML) 5 Page - Microchip Technology

  SST12CP12 Datasheet HTML 1Page - Microchip Technology SST12CP12 Datasheet HTML 2Page - Microchip Technology SST12CP12 Datasheet HTML 3Page - Microchip Technology SST12CP12 Datasheet HTML 4Page - Microchip Technology SST12CP12 Datasheet HTML 5Page - Microchip Technology SST12CP12 Datasheet HTML 6Page - Microchip Technology SST12CP12 Datasheet HTML 7Page - Microchip Technology SST12CP12 Datasheet HTML 8Page - Microchip Technology SST12CP12 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
 2013 Microchip Technology Inc.
DS70005124B-page 5
SST12CP12
4.0
ELECTRICAL SPECIFICATIONS
The AC and DC specifications for the power amplifier
interface signals. Refer to Table 4-2 for the DC voltage
and current specifications. Refer to Figures 5-1 through
6-5 for the RF performance.
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maxi-
mum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and func-
tional operation of the device at these conditions or conditions greater than those defined in the operational
sections of this data sheet is not implied. Exposure to absolute maximum stress rating conditions may
affect device reliability.)
Input power to pins 2 and 3 (PIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 dBm
Supply Voltage at pins 5, 12, 14, 16 (VCC). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6V
Reference voltage to pins 4 (VREF1) and pin 7 (VREF2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.5V
DC supply current (ICC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 750 mA
Operating Temperature (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40ºC to +85ºC
Storage Temperature (TSTG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40ºC to +120ºC
Maximum Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150ºC
Surface Mount Solder Reflow Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C for 10 seconds
TABLE 4-1:
OPERATING RANGE
Range
Ambient Temp
VCC
Industrial
-40°C to +85°C
3.0V to 5.0V
TABLE 4-2:
DC ELECTRICAL CHARACTERISTICS AT 25ºC
Symbol
Parameter
Min.
Typ
Max.
Unit
VCC
Supply Voltage at pins 5, 12, 14, 16
4.0
5.0
5.5
V
ICC
Average Current at 100% duty cycle
for 802.11g, 28.5 dBm
670
mA
for 802.11b, 28.5 dBm
670
mA
for 256 QAM, 27 dBm
600
mA
ICQ
Idle current for 802.11g to meet EVM<3% @24.5 dBm, 100% duty
cycle
375
mA
VREG
Reference Supply
2.90
3.10
3.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com