Electronic Components Datasheet Search
  English  ▼

X  

SST12CP12 Datasheet(PDF) 10 Page - Microchip Technology

Part # SST12CP12
Description  2.4 GHz 256 QAM High-Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12CP12 Datasheet(HTML) 10 Page - Microchip Technology

Back Button SST12CP12 Datasheet HTML 6Page - Microchip Technology SST12CP12 Datasheet HTML 7Page - Microchip Technology SST12CP12 Datasheet HTML 8Page - Microchip Technology SST12CP12 Datasheet HTML 9Page - Microchip Technology SST12CP12 Datasheet HTML 10Page - Microchip Technology SST12CP12 Datasheet HTML 11Page - Microchip Technology SST12CP12 Datasheet HTML 12Page - Microchip Technology SST12CP12 Datasheet HTML 13Page - Microchip Technology SST12CP12 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SST12CP12
DS70005124B-page 10
 2013 Microchip Technology Inc.
256 QAM APPLICATIONS (CONTINUED)
FIGURE 6-5:
INSTANTANEOUS DETECTOR VOLTAGE VERSUS OUTPUT POWER
FIGURE 6-6:
TYPICAL SCHEMATIC FOR 256 QAM APPLICATIONS
70005121 F4.1
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29
Output Power (dBm)
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.472 GHz
2
5
6
7
8
9
11
16
15
1
50
Ω
2.7 pF
50
Ω /1.8mm
50
Ω
VREG
14
13
Vcc
4
12
10
0.1 µF
10
Ω
3
VDET
70005121 Schematic.3.4
Suggested operation conditions:
1. VCC = 5.0V/ VREG = 3.1V
2. Center slug to RF ground
0.1 µF
0
Ω
50
Ω /0.8mm
1.0 pF
0
Ω
Bias Circuit
4.7 µF
50
Ω /60 mil
50
Ω /60 mil
0.1 µF
60
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com