Electronic Components Datasheet Search
  English  ▼

X  

SST12CP12 Datasheet(PDF) 4 Page - Microchip Technology

Part # SST12CP12
Description  2.4 GHz 256 QAM High-Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12CP12 Datasheet(HTML) 4 Page - Microchip Technology

  SST12CP12 Datasheet HTML 1Page - Microchip Technology SST12CP12 Datasheet HTML 2Page - Microchip Technology SST12CP12 Datasheet HTML 3Page - Microchip Technology SST12CP12 Datasheet HTML 4Page - Microchip Technology SST12CP12 Datasheet HTML 5Page - Microchip Technology SST12CP12 Datasheet HTML 6Page - Microchip Technology SST12CP12 Datasheet HTML 7Page - Microchip Technology SST12CP12 Datasheet HTML 8Page - Microchip Technology SST12CP12 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SST12CP12
DS70005124B-page 4
 2013 Microchip Technology Inc.
2.0
PIN ASSIGNMENTS
FIGURE 2-1:
PIN ASSIGNMENTS FOR 16-CONTACT UQFN
3.0
PIN DESCRIPTIONS
56
8
16
15
14
9
11
12
10
13
VCC3
RFOUT
RFOUT
NC
2
1
4
3
VCCb
RFIN
NC
VREF1
7
70005121 16-vqfn P1.2
Top View
(contacts facing down)
RF and DC GND
0
TABLE 3-1:
PIN DESCRIPTION
Symbol
Pin No.
Pin Name
Type1
1. I=Input, O=Output
Function
GND
0
Ground
The center pad should be connected to RF ground
with several low inductance, low resistance vias.
VCCb
1
Power Supply
Bias circuit supply
RFIN
2I
RF input, DC decoupled
NC
3
No Connection
Unconnected, no internal connection
VREF1
4
Power Supply
PWR
1st stage idle-current control
VREF2
5
Power Supply
PWR
2nd stage idle-current control
VREF3
6
Power Supply
PWR
3rd stage idle-current control
GND
7
Ground
Det
8O
On-chip power detector
NC
9
No Connection
Unconnected, no internal connection
RFOUT
10
O
RF output
RFOUT
11
O
RF output
VCC3
12
Power Supply
PWR
Power supply, 3rd stage
NC
13
No Connection
Unconnected, no internal connection
VCC2
14
Power Supply
PWR
Power supply, 2nd stage
NC
15
No Connection
Unconnected pins.
VCC1
16
Power Supply
PWR
Power supply, 1st stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com