Electronic Components Datasheet Search
  English  ▼

X  

SST12CP12 Datasheet(PDF) 1 Page - Microchip Technology

Part # SST12CP12
Description  2.4 GHz 256 QAM High-Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12CP12 Datasheet(HTML) 1 Page - Microchip Technology

  SST12CP12 Datasheet HTML 1Page - Microchip Technology SST12CP12 Datasheet HTML 2Page - Microchip Technology SST12CP12 Datasheet HTML 3Page - Microchip Technology SST12CP12 Datasheet HTML 4Page - Microchip Technology SST12CP12 Datasheet HTML 5Page - Microchip Technology SST12CP12 Datasheet HTML 6Page - Microchip Technology SST12CP12 Datasheet HTML 7Page - Microchip Technology SST12CP12 Datasheet HTML 8Page - Microchip Technology SST12CP12 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
 2013 Microchip Technology Inc.
DS70005124B-page 1
Features
• High Gain:
- Typically 33 dB gain across 2.4–2.5 GHz over
temperature -40°C to +85°C
• High linear output power, typical performance:
- 1.75% dynamic EVM up to 23 dBm, MCS8,
256 QAM, 40 MHz
- 2.5% EVM up to 24 dBm, 802.11n, HT40
- 3% EVM up to 25 dBm for 54 Mbps 802.11g signal
- Meets 802.11g OFDM spectrum mask require-
ment up to 28.5 dBm
- Meets 802.11b ACPR requirement up to
28.5 dBm
• High-speed power-up/down
- Turn on/off time (10%-90%) <100 ns
• 10:1 VSWR survivability (unconditionally stable
up to 28.5 dBm)
• On-chip power detection
- 20 dB dynamic range
- VSWR- and temperature-insensitive
• Simple input/output matching
• Packages available
- 16-contact UQFN (3mm x 3mm)
• All non-Pb (lead-free) devices are RoHS compliant
Applications
• WLAN (IEEE 802.11b/g/n)
• AP router
• WiMax (IEEE 802.16e)
• Home RF
• Cordless phones
• 2.4 GHz ISM wireless equipment
• 1.8-2.3 GHz femtocell base stations
Product Description
SST12CP12 is a high-power, 256 QAM power amplifier
(PA) based on the highly-reliable InGaP/GaAs HBT
technology.
Operating over the 2.4–2.5 GHz frequency band, the
PA will typically provide 33 dB gain with 25% power-
added efficiency @ POUT = 28 dBm for 802.11g.
SST12CP12 has excellent linearity, providing less than
1.75%
dynamic EVM up to 23 dBm with MCS8, 40 MHz band-
width modulation. It will also provide typically 3% added
EVM at 25 dBm output power with 54 Mbps 802.11g
operation while meeting 802.11g spectrum mask at
28.5 dBm. SST12CP12 also has a single-ended power
detector for active power control.
The power amplifier IC also features high-speed
power-up/-down control with the VREF control pins.
SST12CP12 is offered in 16-contact UQFN package.
See Figure 2-1 for pin assignments and Table 3-1 for
pin descriptions.
SST12CP12
2.4 GHz 256 QAM High-Power Amplifier


Similar Part No. - SST12CP12

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12CP11 SST-SST12CP11 Datasheet
45Kb / 2P
2.4 GHz High-Power and High-Gain Power Amplifier
logo
Microchip Technology
SST12CP11-QVCE MICROCHIP-SST12CP11-QVCE Datasheet
45Kb / 2P
2.4 GHz High-Power and High-Gain Power Amplifier
10/11
SST12CP11C MICROCHIP-SST12CP11C Datasheet
708Kb / 16P
2.4 GHz High-Linearity, High-Efficiency Power Amplifier
2015
SST12CP11C-QUCE MICROCHIP-SST12CP11C-QUCE Datasheet
708Kb / 16P
2.4 GHz High-Linearity, High-Efficiency Power Amplifier
2015
SST12CP11C-QUCE-K MICROCHIP-SST12CP11C-QUCE-K Datasheet
708Kb / 16P
2.4 GHz High-Linearity, High-Efficiency Power Amplifier
2015
More results

Similar Description - SST12CP12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP1045A ETC-AP1045A Datasheet
286Kb / 6P
2.4~2.5 GHz High Power Amplifier
logo
Silicon Storage Technol...
SST12LP14 SST-SST12LP14 Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
logo
Skyworks Solutions Inc.
SE2433T SKYWORKS-SE2433T Datasheet
1Mb / 13P
2.4 GHz Power Amplifier
logo
Microchip Technology
SST12LP15B MICROCHIP-SST12LP15B Datasheet
469Kb / 28P
2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
07/15
SST12CP33 MICROCHIP-SST12CP33 Datasheet
250Kb / 17P
2.4 GHz WLAN Power Amplifier, 802.11b/g/n/256 QAM
01/27/15
logo
Skyworks Solutions Inc.
SKY85325-11 SKYWORKS-SKY85325-11 Datasheet
174Kb / 2P
2.4 GHz, 256 QAM WLAN Front-End Module
SKY85310-11 SKYWORKS-SKY85310-11 Datasheet
174Kb / 2P
2.4 GHz, 256 QAM WLAN/Bluetooth짰 Front-End Module
SKY85310-21 SKYWORKS-SKY85310-21 Datasheet
172Kb / 2P
2.4 GHz, 256 QAM WLAN/Bluetooth짰 Front-End Module
SE2622L SKYWORKS-SE2622L Datasheet
438Kb / 9P
2.4 GHz, 256 QAM Power Amplifier
September 29, 2014
SKY85300-21 SKYWORKS-SKY85300-21 Datasheet
739Kb / 11P
2.4 GHz, 256 QAM Front-End Module for WLAN and Bluetooth® Applications
December 6, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com