Electronic Components Datasheet Search
  English  ▼

X  

CS5460A Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5460A
Description  Single Phase Bi-Directional Power/Energy IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460A Datasheet(HTML) 5 Page - Cirrus Logic

  CS5460A Datasheet HTML 1Page - Cirrus Logic CS5460A Datasheet HTML 2Page - Cirrus Logic CS5460A Datasheet HTML 3Page - Cirrus Logic CS5460A Datasheet HTML 4Page - Cirrus Logic CS5460A Datasheet HTML 5Page - Cirrus Logic CS5460A Datasheet HTML 6Page - Cirrus Logic CS5460A Datasheet HTML 7Page - Cirrus Logic CS5460A Datasheet HTML 8Page - Cirrus Logic CS5460A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
CS5460A
5
1. CHARACTERISTICS AND SPECIFICATIONS
ANALOG CHARACTERISTICS
(TA = -40 °C to +85 °C; VA+ = VD+ = +5 V ±10%; VREFIN = +2.5 V; VA- = AGND = 0 V; MCLK = 4.096 MHz,
K = 1; N = 4000 ==> OWR = 4000 Sps.)(See Notes 1, 2, 3, 4, and 5.)
Notes:
1.
Bipolar Offset Errors and Full-Scale Gain Errors for the current and voltage channels refer to the respective Irms
Register and Vrms Register output, when the device is operating in ‘continuous computation cycles’ data acquisition
mode,
after offset/gain system calibration sequences have been executed. These specs do not apply to the error
of the Instantaneous Current/Voltage Register output.
2.
Specifications guaranteed by design, characterization, and/or test.
3.
Analog signals are relative to VA- and digital signals to DGND unless otherwise noted.
4.
In requiring VA+ = VD+ =5 V ±10%, note that it is allowable for VA+, VD+ to differ by as much as ±200 mV, as long
as VA+>VD+.
5.
Note that “Sps” is an abbreviation for units of “samples per second”.
6.
Effective Input Impedance (Zin) is determined by clock frequency (DCLK) and Input Capacitance (IC).
Zin = 1/(IC*DCLK/4). Note that DCLK = MCLK / K.
Parameter
Symbol
Min
Typ
Max
Unit
Accuracy (Both Channels)
Common Mode Rejection
(DC, 50, 60 Hz)
CMRR
80
-
-
dB
Offset Drift (Without the High Pass Filter)
-
5
-
nV/°C
Analog Inputs (Current Channel)
Maximum Differential Input Voltage Range
(Gain = 10)
{(VIIN+) - (VIIN-)}
(Gain = 50)
IIN
-
-
-
-
500
100
mVP-P
mVP-P
Total Harmonic Distortion
THDI
80
-
-
dB
Common Mode + Signal on IIN+ or IIN-
(Gain = 10 or 50)
-0.25
-
VA+
V
Crosstalk with Voltage Channel at Full Scale
(50, 60 Hz)
-
-
-115
dB
Input Capacitance
(Gain = 10)
(Gain = 50)
Cin
-
-
25
25
-
-
pF
pF
Effective Input Impedance
(Note 6)
(Gain = 10)
(Gain = 50)
ZinI
ZinI
-
-
30
30
-
-
k
Ω
k
Ω
Noise (Referred to Input)
(Gain = 10)
(Gain = 50)
-
-
-
-
20
4
µVrms
µVrms
Accuracy (Current Channel)
Bipolar Offset Error
(Note 1)
VOSI
-±0.001
-
%F.S.
Full-Scale Error
(Note 1)
FSEI
-±0.001
-
%F.S.
Analog Inputs (Voltage Channel)
Maximum Differential Input Voltage Range
{(VVIN+) - (VVIN-)}
VIN
-
-
500
mVP-P
Total Harmonic Distortion
THDV
62
-
-
dB
Common Mode + Signal on VIN+ or VIN-
VA-
-
VA+
V
Crosstalk with Current Channel at Full Scale
(50, 60 Hz)
-
-
-70
dB
Input Capacitance
CinV
-0.2
-
pF
Effective Input Impedance
(Note 6)
ZinV
-5
-
M
Ω
Noise (Referred to Input)
-
-
250
µVrms
Accuracy (Voltage Channel)
Bipolar Offset Error
(Note 1)
VOSV
-
±0.01
-
%F.S.
Full-Scale Error
(Note 1)
FSEV
-
±0.01
-
%F.S.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com