Electronic Components Datasheet Search
  English  ▼

X  

CS5460A Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS5460A
Description  Single Phase Bi-Directional Power/Energy IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460A Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS5460A Datasheet HTML 39Page - Cirrus Logic CS5460A Datasheet HTML 40Page - Cirrus Logic CS5460A Datasheet HTML 41Page - Cirrus Logic CS5460A Datasheet HTML 42Page - Cirrus Logic CS5460A Datasheet HTML 43Page - Cirrus Logic CS5460A Datasheet HTML 44Page - Cirrus Logic CS5460A Datasheet HTML 45Page - Cirrus Logic CS5460A Datasheet HTML 46Page - Cirrus Logic CS5460A Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
CS5460A
43
slow rise times and/or noisy control signals. (It is
not uncommon to experience temporary periods of
abnormally high noise and/or slow, gradual resto-
ration of power, during/after a power “black-out” or
power “brown-out” event.) Once the RESET pin is
de-asserted, the internal reset circuitry remains ac-
tive for 5 MCLK cycles to insure resetting the syn-
chronous circuitry in the device. The modulators
are held in reset for 12 MCLK cycles after RESET
is de-asserted. After a hardware or software reset,
the internal registers (some of which may drive out-
put pins) will be reset to their default values on the
first MCLK received after detecting a reset event
(see Table 3). The CS5460A will then assume its
active state. (The term active state, as well as the
other possible power states of the CS5460A, are
described in Section 4.6).
The reader should refer to Section 5 for a complete
description of the registers listed in Table 3.
4.5 Serial Port Initialization
It is possible for the serial interface to become un-
synchronized with respect to the SCLK input. If
this occurs, any attempt to clock valid CS5460A
commands into the serial interface will result in ei-
ther no operation or unexpected operation be-
cause the CS5460A will not interpret the input
command bits correctly. The CS5460A’s serial port
must then be re-initialized. To initialize the serial
port, any of the following actions can be performed:
1) Power on the CS5460A. (Or if the device is al-
ready powered on, recycle the power.)
2) Hardware Reset.
3) Issue the
Serial Port Initialization Sequence,
which is performed by clocking 3 (or more)
SYNC1 command bytes (0xFF) followed by
one SYNC0 command byte (0xFE) to the serial
interface.
4.6 CS5460A Power States
Active state denotes the operation of CS5460A
when the device is fully powered on (i.e., not in
sleep state or stand-by state). Performing any of
the following actions will insure that the CS5460A
is operating in the
active state:
1) Power on the CS5460A. (Or if the device is al-
ready powered on, recycle the power.)
2) Hardware Reset
3) Software Reset
In addition to the three actions listed above, if the
device is operating in
sleep state or stand-by state,
waking up the device out of
sleep state or stand-by
state (by issuing the Power-Up/Halt command) will
also insure that the device is set into
active state.
But in order to send the Power-Up/Halt command
to the device, the serial port has to be initialized.
Therefore, successful wake-up of the device can
be insured by writing the serial port initialization se-
quence to the serial interface, prior to writing the
Power-Up/Halt command.
For a description of the
sleep power state and the
stand-by power state, see the Power Down Com-
mand, located in Section 4.1.
Configuration Register:
0x000001
DC offset registers:
0x000000
Gain registers
0x400000
Pulse-Rate Register:
0x0FA000
Cycle-Counter Register:
0x000FA0
Timebase Register:
0x800000
Status Register:
(see Section 5)
Mask Register:
0x000000
Control Register:
0x000000
AC offset registers:
0x000000
Power Offset Register:
0x000000
All data registers:
0x000000
All unsigned data registers
0x000000
Table 3. Default Register Values upon Reset Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com