Electronic Components Datasheet Search
  English  ▼

X  

CS5460A Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS5460A
Description  Single Phase Bi-Directional Power/Energy IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460A Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS5460A Datasheet HTML 27Page - Cirrus Logic CS5460A Datasheet HTML 28Page - Cirrus Logic CS5460A Datasheet HTML 29Page - Cirrus Logic CS5460A Datasheet HTML 30Page - Cirrus Logic CS5460A Datasheet HTML 31Page - Cirrus Logic CS5460A Datasheet HTML 32Page - Cirrus Logic CS5460A Datasheet HTML 33Page - Cirrus Logic CS5460A Datasheet HTML 34Page - Cirrus Logic CS5460A Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
CS5460A
31
3.8.7.2 DC Offset Calibration Sequence
The Voltage Channel DC Offset Register holds the
negative of the simple average of N samples taken
while the DC voltage offset calibration was execut-
ed. The inputs should be grounded during DC off-
set calibration. The DC offset value is added to the
signal path to nullify the DC offset in the system.
3.8.7.3 AC Gain Calibration Sequence
The AC voltage gain calibration algorithm attempts
to adjust the Voltage Channel Gain Register value
such that the calibration reference signal level pre-
sented at the voltage inputs will result in a value of
0.6 in the RMS Voltage Register. The AC calibra-
tion signal is applied to the “+” and “-” input pins of
the channel under calibration. During AC voltage
gain calibration, the value in the RMS Voltage Reg-
ister is divided into 0.6. This result is the AC gain
calibration value stored in the Voltage Channel
Gain Register.
3.8.7.4 DC Gain Calibration Sequence
Based on the level of the positive DC calibration
voltage that should be applied across the “+” and
“-” inputs, the CS5460A determines the Voltage
Channel Gain Register value by averaging the In-
stantaneous Voltage Register’s output signal val-
ues over one computation cycle (N samples) and
then dividing this average into 1. Therefore, after
the DC voltage gain calibration has been executed,
the Instantaneous Voltage Register will read
full-scale whenever the DC level of the input signal
is equal to the level of the DC calibration signal that
was applied to the voltage channel inputs during
the DC gain calibration. For example, if a +230 mV
DC signal is applied to the voltage channel inputs
during the DC gain calibration for the current chan-
nel, then the Instantaneous Voltage Register will
measure unity whenever a 230 mV DC level is ap-
plied to the voltage channel inputs.
3.8.8 Duration of Calibration Sequence
The value of the Cycle Count Register (N) deter-
mines the number of conversions that will be per-
formed by the CS5460A during a given calibration
sequence. For DC offset/gain calibrations, the cal-
ibration sequence always takes at least N + 30
conversion cycles to complete. For AC offset/gain
calibrations, the calibration sequence takes at
least 6N + 30 A/D conversion cycles to complete,
(about 6 computation cycles). If N is increased, the
accuracy of calibration results will increase.
For more information on Calibration, see
AN227,
“CALIBRATING THE CS5460A”.
3.9 Phase Compensation
The values of bits 23 to 17 in the Configuration
Register can be altered to adjust the amount of
time delay that is imposed on the digitally sampled
voltage channel signal. This time delay is applied
to the voltage channel signal in order to compen-
sate for the relative phase delay (with respect to
the fundamental frequency) between the sensed
voltage and current signals. Voltage and current
transformers, as well as other sensor/filter/protec-
tion devices deployed at the front-end of the volt-
age/current sensor networks can often introduce a
phase-delay in the system that distorts/corrupts
the phase relationship between the line-voltage
and line-current signals that are to be measured.
The phase compensation bits PC[6:0] in the Con-
figuration Register can be set to nullify this undesir-
able
phase
distortion
between
the
digitally
sampled signals in the two channels. The value in
the 7-bit phase compensation word indicates the
amount of time delay that is imposed on the volt-
V
RMS Register =
230/
250 x
1/
√2 ≈ 0.65054
250 mV
230 mV
0 V
-230 mV
-250 mV
0.9999...
0.92
-0.92
-1.0000...
V
RMS Register = 0.6000...
250 mV
230 mV
0 V
-230 mV
-250 mV
0.84853
-0.84853
Before AC Gain Calibration (Vgain Register = 1)
After AC Gain Calibration (Vgain Register changed to ~0.9223)
Instantaneous Voltage
Register Values
Instantaneous Voltage
Register Values
Sinewave
Sinewave
0.92231
-0.92231
INPUT
SIGNAL
INPUT
SIGNAL
Figure 19. Example of AC Gain Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com