Electronic Components Datasheet Search
  English  ▼

X  

CS5460A Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5460A
Description  Single Phase Bi-Directional Power/Energy IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460A Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5460A Datasheet HTML 20Page - Cirrus Logic CS5460A Datasheet HTML 21Page - Cirrus Logic CS5460A Datasheet HTML 22Page - Cirrus Logic CS5460A Datasheet HTML 23Page - Cirrus Logic CS5460A Datasheet HTML 24Page - Cirrus Logic CS5460A Datasheet HTML 25Page - Cirrus Logic CS5460A Datasheet HTML 26Page - Cirrus Logic CS5460A Datasheet HTML 27Page - Cirrus Logic CS5460A Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
CS5460A
24
pulse, one of the output pins (either EOUT or
EDIR) changes state. When the CS5460A must is-
sue another energy pulse, the other output chang-
es state. The direction the motor will rotate is
determined by the order of the state changes.
When energy is positive, EOUT will lead EDIR
such that the EOUT pulse train will lead the EDIR
pulse train by ~1/4 of the periods of these two
pulse train signal. When energy is negative, EDIR
will lead EOUT in a similar manner. See Figure 12.
3.3 Auto-Boot Mode Using EEPROM
The CS5460A has a MODE pin. When the MODE
pin is set to logic low, the CS5460A is in normal op-
erating mode, called
host mode. This mode de-
notes the normal operation of the part, that has
been described so far. But when this pin is set to
logic high, the CS5460A
auto-boot mode is en-
abled. In auto-boot mode, the CS5460A is config-
ured to request a memory download from an
external serial EEPROM. The download sequence
is initiated by driving the RESET pin to logic high.
Auto-Boot mode allows the CS5460A to operate
without the need for a microcontroller. Note that if
the MODE pin is left unconnected, it will default to
logic low because of an internal pull-down on the
pin.
3.3.1 Auto-Boot Configuration
Figure 13 shows the typical connections between
the CS5460A and a serial EEPROM for proper au-
to-boot operation. In this mode, CS and SCLK are
driven outputs. SDO is always an output. During
the auto-boot sequence, the CS5460A drives CS
low, provides a clock output on SCLK, and drives
out-commands on SDO. It receives the EEPROM
data on SDI. The serial EEPROM must be pro-
grammed with the user-specified commands and
register data that will be used by the CS5460A to
change any of the default register values (if de-
sired) and begin conversions.
Figure 13 also shows the external connections that
would be made to a calibrator device, such as a PC
EOUT
EDIR
Positive Energy
Negative Energy
...
...
...
...
Figure 12. Stepper Motor Format on EOUT and EDIR
CS5460A
EEPROM
/EOUT
/EDIR
MODE
SCK
SDI
SDO
/CS
SCK
SO
SI
/CS
Connector to
Calibrator
VD+
5 K
5 K
Mech. Counter
Stepper Motor
or
Figure 13. Typical Interface of EEPROM to CS5460A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com