Electronic Components Datasheet Search
  English  ▼

X  

CS5460A Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5460A
Description  Single Phase Bi-Directional Power/Energy IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460A Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5460A Datasheet HTML 18Page - Cirrus Logic CS5460A Datasheet HTML 19Page - Cirrus Logic CS5460A Datasheet HTML 20Page - Cirrus Logic CS5460A Datasheet HTML 21Page - Cirrus Logic CS5460A Datasheet HTML 22Page - Cirrus Logic CS5460A Datasheet HTML 23Page - Cirrus Logic CS5460A Datasheet HTML 24Page - Cirrus Logic CS5460A Datasheet HTML 25Page - Cirrus Logic CS5460A Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
CS5460A
22
EXAMPLE #2: The required number of pulses per
unit energy present at EOUT is specified to be
500 pulses/kW-hr;
given
that
the
maximum
line-voltage is 250 V (RMS) and the maximum
line-current is 20 A (RMS). In such a situation, the
nominal line voltage and current do not determine
the appropriate pulse-rate setting.
Instead, the
maximum line levels must be considered. As be-
fore, the given maximum line-voltage and line-cur-
rent levels are used to determine KV and KI:
KV = 150 mV / 250 V = 0.0006
KI =150 mV / 20 A = 0.0075
Ω
Again the sensor gains are calculated such that the
maximum line-voltage and line-current levels will
measure as 0.6 in the RMS Voltage Register and
RMS Current Register.
The required Pulse-Rate Register setting is now
determined by using the following equation:
Therefore PR = ~1.929 Hz.
Note that the Pulse-Rate Register cannot be set to
a frequency of exactly 1.929 Hz. The closest set-
ting that the Pulse-Rate Register can obtain is
0x00003E = 1.9375 Hz. To improve the accuracy,
either gain register can be programmed to correct
for the round-off error in PR. This value would be
calculated as
In the last example, suppose a value for MCLK/K
of 3.05856 MHz. When MCLK/K is not equal to
4.096 MHz, the result for ‘PR’ that is calculated for
the Pulse-Rate Register must be scaled by a cor-
rection factor of: 4.096 MHz / (MCLK/K). In this
case the result is scaled by 4.096/3.05856 to get a
final PR result of ~2.583 Hz.
3.2 Pulse Output for Normal Format,
Stepper Motor Format and Mechanical
Counter Format
The duration and shape of the pulse outputs at the
EOUT and EDIR pins can be set for three different
output formats. The default setting is for
Normal
output pulse format. When the pulse is set to either
of the other two formats, the time duration and/or
the relative timing of the EOUT and EDIR pulses is
increased/varied such that the pulses can drive ei-
ther an electro-mechanical counter or a stepper
motor. The EOUT and EDIR output pins are capa-
ble
of
driving
certain
low-voltage/low-power
counters/stepper motors directly. This depends on
the drive current and voltage level requirements of
the counter/motor. The ability to set the pulse out-
put format to one of the three available formats is
controlled by setting certain bits in the Control Reg-
ister.
3.2.1 Normal Format
Referring to the description of the Control Register
in
Section 5., REGISTER DESCRIPTION, if both
the MECH and STEP bits are set to ‘0’, the pulse
output format at the EOUT and EDIR pins is illus-
trated in Figure 10. These are active-low pulses
with very short duration. The pulse duration is an
integer multiple of MCLK cycles, approximately
equal to 1/16 of the period of the contents of the
Pulse-Rate Register. However for Pulse-Rate
Register settings less than the sampling rate
(which is [MCLK/8]/1024), the pulse duration will
remain at a constant duration, which is equal to the
duration of the pulses when the Pulse-Rate Regis-
ter is set to [MCLK/K]/1024. The maximum pulse
frequency
from
the
EOUT
pin
is
therefore
[MCLK/K]/16. When energy is positive, EDIR is al-
ways high. When energy is negative, EDIR has the
same output as EOUT. When MCLK/K is not equal
to 4.096 MHz, the true pulse-rate can be found by
first calculating what the pulse-rate would be if a
4.096 MHz crystal is used (with K = 1) and then
scaling
the
result
by
a
factor
of
(MCLK/K) / 4.096 MHz.
When set to run in
Normal pulse output format, the
pulses may be sent out in “bursts” depending on
both the value of the Pulse-Rate Register as well
as the amount of billable energy that was regis-
tered by the CS5460A over the most recent A/D
sampling period, which is (in Hz): 1 / [(MCLK/K) /
1024]. A running total of the energy accumulation
is maintained in an internal register (not accessible
to the user) inside the CS5460A. If the amount of
energy that has accumulated in this register over
the most recent A/D sampling period is equal to or
greater than the amount of energy that is repre-
PR
500
pulses
kW hr
⋅
------------------
1hr
3600s
--------------
1kW
1000W
------------------
250mV
K
V
------------------
250mV
K
I
------------------
⋅⋅
⋅
⋅
=
Ign or Vgn
PR
1.929
-------------
1.00441
≅
0x404830
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com