Electronic Components Datasheet Search
  English  ▼

X  

CS5460A Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5460A
Description  Single Phase Bi-Directional Power/Energy IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460A Datasheet(HTML) 1 Page - Cirrus Logic

  CS5460A Datasheet HTML 1Page - Cirrus Logic CS5460A Datasheet HTML 2Page - Cirrus Logic CS5460A Datasheet HTML 3Page - Cirrus Logic CS5460A Datasheet HTML 4Page - Cirrus Logic CS5460A Datasheet HTML 5Page - Cirrus Logic CS5460A Datasheet HTML 6Page - Cirrus Logic CS5460A Datasheet HTML 7Page - Cirrus Logic CS5460A Datasheet HTML 8Page - Cirrus Logic CS5460A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
1
Copyright
© Cirrus Logic, Inc. 2004
(All Rights Reserved)
Cirrus Logic, Inc.
http://www.cirrus.com
CS5460A
Single Phase Bi-Directional Power/Energy IC
Features
Energy Data Linearity: ±0.1% of Reading
over 1000:1 Dynamic Range.
On-Chip Functions: (Real) Energy, I
∗ V,
IRMS and VRMS, Energy-to-Pulse
Conversion
Smart “Auto-Boot” Mode from Serial
EEPROM Enables Use without MCU.
AC or DC System Calibration
Mechanical Counter/Stepper Motor Driver
Meets Accuracy Spec for IEC 687/1036, JIS
Typical Power Consumption <12 mW
Interface Optimized for Shunt Sensor
V vs. I Phase Compensation
Ground-Referenced Signals with Single
Supply
On-chip 2.5 V Reference (MAX 60 ppm/°C
drift)
Simple Three-Wire Digital Serial Interface
Watch Dog Timer
Power Supply Monitor
Power Supply Configurations
VA+ = +5 V; VA- = 0 V; VD+ = +3.3 V to +5 V
Description
The CS5460A is a highly integrated power mea-
surement
solution
which
combines
two
∆Σ
Analog-to-Digital Converters (ADCs), high speed
power calculation functions, and a serial interface
on a single chip. It is designed to accurately mea-
sure
and
calculate:
Real
(True)
Energy,
Instantaneous Power, IRMS, and VRMS for single
phase 2- or 3-wire power metering applications.
The CS5460A interfaces to a low-cost shunt resis-
tor or transformer to measure current, and to a
resistive divider or potential transformer to mea-
sure
voltage.
The
CS5460A
features
a
bi-directional serial interface for communication
with a micro-controller and a pulse output engine
for which the average pulse frequency is propor-
tional to the real power. The CS5460A has on-chip
functionality to facilitate AC or DC system-level
calibration.
The “Auto-Boot” feature allows the CS5460A to
function ‘stand-alone’ and to initialize itself on sys-
tem power-up. In Auto-Boot Mode, the CS5460A
reads the calibration data and start-up instructions
from an external EEPROM.
In this mode, the
CS5460A can operate without a microcontroller, in
order to lower the total bill-of-materials cost.
PGA
x10,x50
VA+
VD+
IIN+
IIN-
VIN+
VIN-
VREFIN
VREFOUT
VA-
XIN
XOUT CPUCLK
DGND
CS
SDO
SDI
SCLK
INT
EOUT
Digital
Filter
High Pass
Filter
Voltage
Reference
System
Clock
/K
Clock
Generator
Serial
Interface
Power
Calculation
Engine
(Energy
I* V
I,V
)
RMS
RMS
Energy-to-
Pulse
Converter
Power
Monitor
PFMON
x1
x10
4Order
∆Σ
Modulator
th
RESET
Digital
Filter
Calibration
SRAM
EDIR
High Pass
Filter
2Order
Modulator
nd
Watch Dog
Timer
MODE
Control /
∆Σ
SEP ‘04
DS487F2


Similar Part No. - CS5460A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5460A CIRRUS-CS5460A Datasheet
775Kb / 54P
Single Phase, Bi-directional Power/Energy IC
CS5460A-BS CIRRUS-CS5460A-BS Datasheet
775Kb / 54P
Single Phase, Bi-directional Power/Energy IC
logo
List of Unclassifed Man...
CS5460A-BS ETC2-CS5460A-BS Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Cirrus Logic
CS5460A-BSZ CIRRUS-CS5460A-BSZ Datasheet
775Kb / 54P
Single Phase, Bi-directional Power/Energy IC
CS5460A CIRRUS-CS5460A_07 Datasheet
775Kb / 54P
Single Phase, Bi-directional Power/Energy IC
More results

Similar Description - CS5460A

ManufacturerPart #DatasheetDescription
logo
Sames
SA2002H SAMES-SA2002H Datasheet
147Kb / 12P
Single Phase Bi-directional Power / Energy Metering IC with Instantaneous Pulse Output
logo
Cirrus Logic
CS5461 CIRRUS-CS5461 Datasheet
336Kb / 46P
Single Phase Bi-Directional Power/Energy IC
CS5461A CIRRUS-CS5461A Datasheet
757Kb / 41P
Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463 Datasheet
875Kb / 44P
Single Phase, Bi-directional Power/Energy IC
CS5460 CIRRUS-CS5460 Datasheet
583Kb / 34P
Single Phase Bi-Directional Power/Energy IC
CS5460A CIRRUS-CS5460A_07 Datasheet
775Kb / 54P
Single Phase, Bi-directional Power/Energy IC
CS5461A CIRRUS-CS5461A_08 Datasheet
705Kb / 44P
Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463_08 Datasheet
770Kb / 46P
Single Phase, Bi-directional Power/Energy IC
CS5461_0408 CIRRUS-CS5461_0408 Datasheet
665Kb / 45P
Single Phase Bi-Directional Power/Energy IC
CS5463 CIRRUS-CS5463_11 Datasheet
388Kb / 46P
Single Phase, Bi-directional Power/Energy IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com