Electronic Components Datasheet Search
  English  ▼

X  

SLG46110 Datasheet(PDF) 52 Page - Dialog Semiconductor

Part # SLG46110
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110 Datasheet(HTML) 52 Page - Dialog Semiconductor

Back Button SLG46110 Datasheet HTML 48Page - Dialog Semiconductor SLG46110 Datasheet HTML 49Page - Dialog Semiconductor SLG46110 Datasheet HTML 50Page - Dialog Semiconductor SLG46110 Datasheet HTML 51Page - Dialog Semiconductor SLG46110 Datasheet HTML 52Page - Dialog Semiconductor SLG46110 Datasheet HTML 53Page - Dialog Semiconductor SLG46110 Datasheet HTML 54Page - Dialog Semiconductor SLG46110 Datasheet HTML 55Page - Dialog Semiconductor SLG46110 Datasheet HTML 56Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
000-0046110-106
Page 51 of 81
SLG46110
Figure 26. Input Threshold Voltage Vih, Vil vs. Hysteresis at VDD = 5.5 V, Vref = 1000 mV. Gain = 1
Figure 27. Input Threshold Voltage Vih, Vil vs. Gain at Hysteresis = 0, VDD = 5.5 V, Vref = 1000 mV
Table 40. Built-in Hysteresis Tolerance.
Vhys (mV)
VDD=(1.7-1.8) V
VDD=(1.89-5.5) V
Vref =
(50-500) mV
Vref =
(550-1000) mV
Vref =
(1050-1200) mV
Vref =
(50-500) mV
Vref =
(550-1000) mV
Vref =
(1050-1200) mV
min
max
min
max
min
max
min
max
min
max
min
max
25
18.9
26.4
17.3
26.1
13.0
24.6
18.8
26.5
17.8
26.1
15.6
25.5
50
40.3
50.4
37.9
50.1
28.9
47.7
40.3
50.5
39.5
50.1
34.5
49.5
200
180.5
208.4
172.9
210.7
153.5
217.2
180.6
207.7
180.2
210.8
166.5
211.9
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
0
25
50
200
HYSTERESIS (mV)
Vih @ +85ºC
Vih @ -35ºC
Vil @ +85ºC
Vil @ -35ºC
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
40
45
1
0.5
0.33
0.25
GAIN
Vih @ +85ºC
Vih @ -35ºC
Vil @ +85ºC
Vil @ -35ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com