Electronic Components Datasheet Search
  English  ▼

X  

SLG46110 Datasheet(PDF) 34 Page - Dialog Semiconductor

Part # SLG46110
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110 Datasheet(HTML) 34 Page - Dialog Semiconductor

Back Button SLG46110 Datasheet HTML 30Page - Dialog Semiconductor SLG46110 Datasheet HTML 31Page - Dialog Semiconductor SLG46110 Datasheet HTML 32Page - Dialog Semiconductor SLG46110 Datasheet HTML 33Page - Dialog Semiconductor SLG46110 Datasheet HTML 34Page - Dialog Semiconductor SLG46110 Datasheet HTML 35Page - Dialog Semiconductor SLG46110 Datasheet HTML 36Page - Dialog Semiconductor SLG46110 Datasheet HTML 37Page - Dialog Semiconductor SLG46110 Datasheet HTML 38Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 82 page
background image
000-0046110-106
Page 33 of 81
SLG46110
10.2 3-Bit LUT or D Flip Flop with Set/Reset Macrocells
There are two macrocells that can serve as either 3-bit LUTs or as D Flip Flops. When used to implement LUT functions, the 3-bit
LUTs each take in three input signals from the connection matrix and produce a single output, which goes back into the connection
matrix. When used to implement D Flip Flop function, the three input signals from the connection matrix go to the data (d) and
clock (clk) and Set/Reset (rRST/nSET) inputs for the Flip Flop, with the output going back to the connection matrix..
Figure 11. 3-bit LUT0 or DFF2
Figure 12. 3-bit LUT1 or DFF3
DFF2
clk
D
To Connection Matrix<
Input 9>
8-bits NVM
From Connection
Matrix Output <14>
1-bit NVM
3-bit LUT0 OUT
IN1
IN2
IN0
nRST/nSET
From Connection
Matrix Output <13>
From Connection
Matrix Output <12>
reg <249:242>
reg <282>
Q/nQ
reg <243> Output Select (Q or nQ)
DFF3
clk
D
8-bits NVM
1-bit NVM
3-bit LUT1 OUT
IN1
IN2
IN0
nRST/nSET
From Connection
Matrix Output <17>
From Connection
Matrix Output <16>
From Connection
Matrix Output <15>
reg <257:250>
reg <283>
To Connection Matrix<
Input 10>
Q/nQ
reg <251> Output Select (Q or nQ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com