Electronic Components Datasheet Search
  English  ▼

X  

SLG46110 Datasheet(PDF) 72 Page - Dialog Semiconductor

Part # SLG46110
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110 Datasheet(HTML) 72 Page - Dialog Semiconductor

Back Button SLG46110 Datasheet HTML 68Page - Dialog Semiconductor SLG46110 Datasheet HTML 69Page - Dialog Semiconductor SLG46110 Datasheet HTML 70Page - Dialog Semiconductor SLG46110 Datasheet HTML 71Page - Dialog Semiconductor SLG46110 Datasheet HTML 72Page - Dialog Semiconductor SLG46110 Datasheet HTML 73Page - Dialog Semiconductor SLG46110 Datasheet HTML 74Page - Dialog Semiconductor SLG46110 Datasheet HTML 75Page - Dialog Semiconductor SLG46110 Datasheet HTML 76Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 82 page
background image
000-0046110-106
Page 71 of 81
SLG46110
ACMP1
reg <378:367>
reg <371:367> ACMP1 IN voltage select
00000: 50 mV
00001: 100 mV
00010: 150 mV
00011: 200 mV
00100: 250 mV
00101: 300 mV
00110: 350 mV
00111: 400 mV
01000: 450 mV
01001: 500 mV
01010: 550 mV
01011: 600 mV
01100: 650 mV
01101: 700 mV
01110: 750 mV
01111: 800 mV
10000: 850 mV
10001: 900 mV
10010: 950 mV
10011: 1 V
10100: 1.05 V
10101: 1.1 V
10110: 1.15 V
10111: 1.2 V
11000: VDD/3
11001: VDD/4
11010: EXT_VREF(PIN4)
reg <373:372> ACMP1 hysteresis Enable
00: Disabled (0 mV)
01: Enabled (25 mV)
10: Enabled (50 mV)
11: Enabled (200 mV)
reg <375:374> ACMP1 positive Input divider
00: 1.0x
01: 0.5x
10: 0.33x
11: 0.25x
reg <376> ACMP1 100uA current source option
0: disable
1: enable
reg <377> ACMP1 low bandwidth (typ: Max.1 MHz) en-
able.
0: off
1: on
reg <378> ACMP1 positive input source select PIN6 and
PIN3
0: PIN6
1: PIN3
PIN 2
reg <382:379>
reg <380:379> PIN2 mode control
00: Digital Input without Schmitt trigger
01: Digital Input with Schmitt trigger
10: Low voltage digital input
11: Reserved
reg <382:381> PIN2 pull down resistor value selection
00: floating
01: 10K
10: 100K
11: 1M
Register Bit
Address
Signal Function
Register Bit Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com