Electronic Components Datasheet Search
  English  ▼

X  

SLG46110 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # SLG46110
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110 Datasheet(HTML) 1 Page - Dialog Semiconductor

  SLG46110 Datasheet HTML 1Page - Dialog Semiconductor SLG46110 Datasheet HTML 2Page - Dialog Semiconductor SLG46110 Datasheet HTML 3Page - Dialog Semiconductor SLG46110 Datasheet HTML 4Page - Dialog Semiconductor SLG46110 Datasheet HTML 5Page - Dialog Semiconductor SLG46110 Datasheet HTML 6Page - Dialog Semiconductor SLG46110 Datasheet HTML 7Page - Dialog Semiconductor SLG46110 Datasheet HTML 8Page - Dialog Semiconductor SLG46110 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
Silego Technology, Inc.
Rev 1.06
000-0046110-106
Revised October 10, 2017
GreenPAK
Programmable Mixed Signal Matrix
SLG46110
Block Diagram
Features
• Logic & Mixed Signal Circuits
• Highly Versatile Macrocells
• 1.8 V (±5%) to 5 V (±10%) Supply
• Operating Temperature Range: -40°C to 85°C
• RoHS Compliant / Halogen-Free
• Pb-Free 12-pin STQFN: 1.6 x 1.6 x 0.55 mm, 0.4 mm pitch
Applications
• Personal Computers and Servers
• PC Peripherals
• Consumer Electronics
• Data Communications Equipment
• Handheld and Portable Electronics
Pin Configuration
GND
GPIO
GPIO
GPIO
GPIO
GPIO
2
3
4
7
8
9
10
GPI
VDD
1
STQFN-12
(Top View)
5
6
11
12
3-bit
LUT3_4 or
Pipe Delay
Vref
RC Oscillator
Pin 1
VDD
Pin 2
GPI
Pin 3
GPIO
Pin 4
GPIO
Pin 12
GPIO
Pin 11
NC
Pin 5
NC
Pin 6
GPIO
Pin 8
GPIO
Pin 7
GND
Pin 10
GPIO
Pin 9
GPIO
ACMP0
ACMP1
Look Up Tables (LUTs)
Counters/Delay Generators
CNT0
CNT3
CNT1
2-bit
LUT2_2
3-bit
LUT3_3
2-bit
LUT2_3
3-bit
LUT3_2
Combination Function Macrocells
2-bit
LUT2_0
or DFF0
2-bit
LUT2_1
or DFF1
3-bit
LUT3_1
or DFF3
3bit
LUT3_0
or DFF2
4-bit
LUT4_0
or CNT2
FILTER_0/Prog. Delay
Additional
Combination Functions
POR
Bandgap


Similar Part No. - SLG46110

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46110 RENESAS-SLG46110 Datasheet
3Mb / 84P
Programmable Mixed Signal Matrix
March 9, 2023
SLG46110V RENESAS-SLG46110V Datasheet
3Mb / 84P
Programmable Mixed Signal Matrix
March 9, 2023
SLG46110V RENESAS-SLG46110V Datasheet
395Kb / 2P
GreenPAK DIP Adapter
17-Mar-2022
SLG46110VTR RENESAS-SLG46110VTR Datasheet
3Mb / 84P
Programmable Mixed Signal Matrix
March 9, 2023
More results

Similar Description - SLG46110

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB82525N INFINEON-SAB82525N Datasheet
730Kb / 126P
Data Communications ICs
10.94
logo
TOKO, Inc
KV1870R TOKO-KV1870R Datasheet
146Kb / 2P
Variable capacitance diode for communications equipment
logo
TEMEX
QEV101 TEMEX-QEV101 Datasheet
721Kb / 5P
SMD 7x5 VCXO - Communications Equipment Application
logo
Hittite Microwave Corpo...
HMC6000LP711E HITTITE-HMC6000LP711E Datasheet
1Mb / 18P
Multi-Gbps Data Communications
logo
List of Unclassifed Man...
2-2013310-1 ETC2-2-2013310-1 Datasheet
443Kb / 4P
Applications : Servers, Notebook PCs, Communications Equipment
logo
Murata Manufacturing Co...
CFUKG455KE4A-R0 MURATA-CFUKG455KE4A-R0 Datasheet
1Mb / 78P
Ceramic Discriminators for Communications Equipment
CDBKB455KCAY09-R0 MURATA-CDBKB455KCAY09-R0 Datasheet
1Mb / 78P
Ceramic Discriminators for Communications Equipment
logo
ETAL Group
2215-G1 ETAL-2215-G1 Datasheet
207Kb / 4P
Control equipment, communications systems, instrumentation
logo
Omron Electronics LLC
V600 OMRON-V600 Datasheet
3Mb / 34P
Non-contact Data Communications System
logo
Murata Manufacturing Co...
CDB455C30 MURATA1-CDB455C30 Datasheet
172Kb / 10P
Ceramic Discriminator for Communications Equipment
7.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com