Electronic Components Datasheet Search
  English  ▼

X  

SLG46110 Datasheet(PDF) 76 Page - Dialog Semiconductor

Part # SLG46110
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110 Datasheet(HTML) 76 Page - Dialog Semiconductor

Back Button SLG46110 Datasheet HTML 72Page - Dialog Semiconductor SLG46110 Datasheet HTML 73Page - Dialog Semiconductor SLG46110 Datasheet HTML 74Page - Dialog Semiconductor SLG46110 Datasheet HTML 75Page - Dialog Semiconductor SLG46110 Datasheet HTML 76Page - Dialog Semiconductor SLG46110 Datasheet HTML 77Page - Dialog Semiconductor SLG46110 Datasheet HTML 78Page - Dialog Semiconductor SLG46110 Datasheet HTML 79Page - Dialog Semiconductor SLG46110 Datasheet HTML 80Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 82 page
background image
000-0046110-106
Page 75 of 81
SLG46110
reg <481:480>
Reserved
Reserved
reg <482>
PIN2 edge detect mode
0: rising edge
1: falling edge
reg <483>
Bypass the PIN2
0: PIN2 edge active
1: PIN2 high active
reg <484>
PIN2 reset enable
0: Disable
1: Enable
reg <485>
programmable delay or filter output select
0: programmable delay output
1: filter output
reg <487:486>
Select the edge mode of programmable delay & edge
detector
00: rising edge detector
01: falling edge detector
10: both edge detector
11: both edge delay
reg <489:488>
Delay value select for programmable delay & edge de-
tector (VDD = 3.3 V, typical condition)
00: 125 ns
01: 250 ns
10: 375 ns
11: 500 ns
reg <490>
Reserved
Reserved
reg <495:491>
Reserved
Reserved
reg <501:496>
Reserved
Reserved
reg <502>
Reserved
Reserved
reg <503>
Reserved
Reserved
reg <511:504>
Reserved
Reserved
Register Bit
Address
Signal Function
Register Bit Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com