Electronic Components Datasheet Search
  English  ▼

X  

SLG46110 Datasheet(PDF) 60 Page - Dialog Semiconductor

Part # SLG46110
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110 Datasheet(HTML) 60 Page - Dialog Semiconductor

Back Button SLG46110 Datasheet HTML 56Page - Dialog Semiconductor SLG46110 Datasheet HTML 57Page - Dialog Semiconductor SLG46110 Datasheet HTML 58Page - Dialog Semiconductor SLG46110 Datasheet HTML 59Page - Dialog Semiconductor SLG46110 Datasheet HTML 60Page - Dialog Semiconductor SLG46110 Datasheet HTML 61Page - Dialog Semiconductor SLG46110 Datasheet HTML 62Page - Dialog Semiconductor SLG46110 Datasheet HTML 63Page - Dialog Semiconductor SLG46110 Datasheet HTML 64Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 82 page
background image
000-0046110-106
Page 59 of 81
SLG46110
13.3 VREF Block Diagram
Figure 39. Voltage Reference Block Diagram
CMP0_VREF
CMP1_VREF
reg <360:356>
reg <371:367>
VDD / 3
VDD / 4
ext_vref_acmp0
(Pin4)
reg <445>
forced bg ON
000
001
100
101
110
reg <452>
VDD / 2
VDD / 3
VDD / 4
reg <449:447>
1
0
OP
reg <446>
Vref Out_1 (Pin10)
Pin10_aio_en
External VDD
2.7 V - 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com