Electronic Components Datasheet Search
  English  ▼

X  

SLG46110 Datasheet(PDF) 64 Page - Dialog Semiconductor

Part # SLG46110
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110 Datasheet(HTML) 64 Page - Dialog Semiconductor

Back Button SLG46110 Datasheet HTML 60Page - Dialog Semiconductor SLG46110 Datasheet HTML 61Page - Dialog Semiconductor SLG46110 Datasheet HTML 62Page - Dialog Semiconductor SLG46110 Datasheet HTML 63Page - Dialog Semiconductor SLG46110 Datasheet HTML 64Page - Dialog Semiconductor SLG46110 Datasheet HTML 65Page - Dialog Semiconductor SLG46110 Datasheet HTML 66Page - Dialog Semiconductor SLG46110 Datasheet HTML 67Page - Dialog Semiconductor SLG46110 Datasheet HTML 68Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 82 page
background image
000-0046110-106
Page 63 of 81
SLG46110
15.2 POR Sequence
The POR system generates a sequence of signals that enable certain macrocells. The sequence is shown in Figure 43.
As can be seen from Figure 43 after the VDD has start ramping up and crosses the Power_ON threshold, first, the on-chip NVM
memory is reset. Next the chip reads the data from NVM, and transfers this information to SRAM registers that serve to configure
each macrocell, and the Connection Matrix which routes signals between macrocells. The third stage causes the reset of the input
pins, and then to enable them. After that, the LUTs are reset and become active. After LUTs the Delay cells, RC OSC, DFFs,
Latches and Pipe Delay are initialized. Only after all macrocells are initialized internal POR signal (POR macrocell output) goes
from LOW to HIGH. The last portion of the device to be initialized are the output PINs, which transition from high impedience to
active at this point.
The typical time that takes to complete the POR sequence varies by device type in the GreenPAK family. It also depends on many
environmental factors, such as: slew rate, VDD value, temperature and even will vary from chip to chip (process influence).
Figure 43. POR sequence
VDD
POR_NVM
(reset for NVM)
NVM_ready_out
POR_GPI
(reset for input enable)
POR_LUT
(reset for LUT output)
POR_CORE
(reset for DLY/RC OSC/DFF
/Latch/Pipe DLY/other macrocells
POR_OUT
(generate low to high to matrix)
POR_GPO
(reset for output enable)
t
t
t
t
t
t
t
t
Tsu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com