Electronic Components Datasheet Search
  English  ▼

X  

TAS5825M Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5825M
Description  4.5 V to 26.4 V, 38-W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96-kHz/192-kHz Extended Audio Processing
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5825M Datasheet(HTML) 2 Page - Texas Instruments

  TAS5825M Datasheet HTML 1Page - Texas Instruments TAS5825M Datasheet HTML 2Page - Texas Instruments TAS5825M Datasheet HTML 3Page - Texas Instruments TAS5825M Datasheet HTML 4Page - Texas Instruments TAS5825M Datasheet HTML 5Page - Texas Instruments TAS5825M Datasheet HTML 6Page - Texas Instruments TAS5825M Datasheet HTML 7Page - Texas Instruments TAS5825M Datasheet HTML 8Page - Texas Instruments TAS5825M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
2
TAS5825M
SLASEH7 – JANUARY 2018
www.ti.com
Product Folder Links: TAS5825M
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information .................................................. 5
7.5
Electrical Characteristics........................................... 6
7.6
Timing Requirements ................................................ 8
7.7
Parametric Measurement Information....................... 9
8
Detailed Description ............................................ 10
8.1
Overview ................................................................. 10
8.2
Functional Block Diagram ....................................... 10
8.3
Feature Description................................................. 11
8.4
Device Functional Modes........................................ 16
8.5
Programming and Control ....................................... 17
8.6
Register Maps ......................................................... 21
9
Application and Implementation ........................ 55
9.1
Application Information............................................ 55
9.2
Typical Applications ............................................... 55
10
Power Supply Recommendations ..................... 59
10.1
DVDD Supply ........................................................ 59
10.2
PVDD Supply ........................................................ 60
11
Layout................................................................... 61
11.1
Layout Guidelines ................................................. 61
11.2
Layout Example .................................................... 63
12
Device and Documentation Support ................. 65
12.1
Device Support...................................................... 65
12.2
Receiving Notification of Documentation Updates 65
12.3
Community Resources.......................................... 66
12.4
Trademarks ........................................................... 66
12.5
Electrostatic Discharge Caution ............................ 66
12.6
Glossary ................................................................ 66
13
Mechanical, Packaging, and Orderable
Information ........................................................... 66
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
January 2018
*
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com