Electronic Components Datasheet Search
  English  ▼

X  

TAS5825M Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5825M
Description  4.5 V to 26.4 V, 38-W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96-kHz/192-kHz Extended Audio Processing
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5825M Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS5825M Datasheet HTML 35Page - Texas Instruments TAS5825M Datasheet HTML 36Page - Texas Instruments TAS5825M Datasheet HTML 37Page - Texas Instruments TAS5825M Datasheet HTML 38Page - Texas Instruments TAS5825M Datasheet HTML 39Page - Texas Instruments TAS5825M Datasheet HTML 40Page - Texas Instruments TAS5825M Datasheet HTML 41Page - Texas Instruments TAS5825M Datasheet HTML 42Page - Texas Instruments TAS5825M Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
39
TAS5825M
www.ti.com
SLASEH7 – JANUARY 2018
Product Folder Links: TAS5825M
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.6.1.23 EEPROM_CTRL0 Register (Offset = 56h) [reset = 0x00]
EEPROM_CTRL0 is shown in Figure 36 and described in Table 28.
Return to Summary Table.
Figure 36. EEPROM_CTRL0 Register
7
6
5
4
3
2
1
0
RESERVED
EEPROM_ADD
R_24BITS_EN
ABLE
SPI_CLK_RATE
SPI_INV_POLA
R
SPI_MST_LSB
LOAD_EEPRO
M_START
R/W
R/W
R/W
R/W
R/W
R/W
Table 28. EEPROM_CTRL0 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R/W
00
This bit is reserved
5
EEPROM_ADDR_24BITS
_ENABLE
R/W
0
enable 24 bits mode for EEPROM address
4-3
SPI_CLK_RATE
R/W
00
0: spi clock rate = 1.25MHz
1: spi clock rate = 2.5MHz
2: spi clock rate = 5MHz
3: spi clock rate = 10MHz
2
SPI_INV_POLAR
R/W
0
0: spi serial data change at post edge SCK
1: spi serial data change at neg edge SCK
1
SPI_MST_LSB
R/W
0
0: msb first 1: lsb first
0
LOAD_EEPROM_START
R/W
0
0: dsp coefficients read from host
1: dsp coefficients read from EEPROM
8.6.1.24 EEPROM_RD_CMD Register (Offset = 57h) [reset = 0x03]
EEPROM_RD_CMD is shown in Figure 37 and described in Table 29.
Return to Summary Table.
Figure 37. EEPROM_RD_CMD Register
7
6
5
4
3
2
1
0
EEPROM_RD_CMD
R/W-00000011
Table 29. EEPROM_RD_CMD Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
EEPROM_RD_CMD
R/W
00000011
EEPROM read command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com