Electronic Components Datasheet Search
  English  ▼

X  

TAS5825M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5825M
Description  4.5 V to 26.4 V, 38-W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96-kHz/192-kHz Extended Audio Processing
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5825M Datasheet(HTML) 1 Page - Texas Instruments

  TAS5825M Datasheet HTML 1Page - Texas Instruments TAS5825M Datasheet HTML 2Page - Texas Instruments TAS5825M Datasheet HTML 3Page - Texas Instruments TAS5825M Datasheet HTML 4Page - Texas Instruments TAS5825M Datasheet HTML 5Page - Texas Instruments TAS5825M Datasheet HTML 6Page - Texas Instruments TAS5825M Datasheet HTML 7Page - Texas Instruments TAS5825M Datasheet HTML 8Page - Texas Instruments TAS5825M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
System
Processor
Digital
Audio
Source
Speaker
L Channel
Speaker
R Channel
Copyright © 2018, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TAS5825M
SLASEH7 – JANUARY 2018
TAS5825M 4.5 V to 26.4 V, 38-W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D
Audio Amplifier with 96-kHz/192-kHz Extended Audio Processing
1
1 Features
1
•
Flexible Audio I/O:
–
Supports 32, 44.1, 48, 88.2, 96, 192 kHz
Sample Rates
–
I2S, LJ, RJ, TDM
–
SDOUT for Audio Monitoring, Sub-Channel or
Echo Cancellation
–
Support 3-Wire Digital Audio Interface (No
MCLK Required)
•
Efficient Class-D Operation
–
Greater than 90% Power Efficiency, 90 mΩ
RDSon
•
Support Multiple Output Configurations
–
2 × 38W in 2.0 Mode (6-Ω, 24V,THD+N=1%)
–
2 × 30W in 2.0 Mode (8-Ω, 24V,THD+N=1%)
•
Excellent Audio Performance:
–
THD+N
≤ 0.04% at 1 W, 1 kHz, PVDD = 12 V
–
SNR
≥ 107 dB (A-weighted), ICN ≤ 45µVRMS
•
Flexible Processing Features
–
3-Band Advanced DRC+AGL
–
2×15 BQs, Dynamic EQ
–
Sound Field Spatializer (SFS)
–
96-kHz/192-kHz Processor Sampling
–
Smart Amplifier Algorithm for Bass
Enhancement and Speaker Thermal/Excursion
Protection
•
Flexible Power Supply Configurations
–
PVDD: 4.5 V to 26.4 V
–
DVDD and I/O: 1.8 V or 3.3 V
•
Excellent Integrated self-protection:
–
Over-Current Error (OCE)
–
Cycle-By-Cycle Current Limit
–
Over-Temperature Warning (OTW)
–
Over-Temperature Error (OTE)
–
Under/Over-Voltage Lock-out (UVLO/OVLO)
•
Easy System Integration
–
I2C Software Control
–
Reduced Solution Size
–
Small 5 x 5 mm Package
–
Less Passives Required Compare to Open
Loop Devices
–
No Bulky Electrolytic Capacitors or Large
Inductors Required for most Applications
2 Applications
•
DTV, HDTV, UHD and Multi-Purpose Monitors
•
Sounds Bars, PC Audio
•
Wireless/Bluetooth Speakers
•
Smart/Voice Control Speakers
3 Description
The TAS5825M is a high-performance, stereo closed-
loop Class-D with integrated auido processor with up
to 192-kHz architecture.
The powerful DSP audio processing core support
several advanced audio process flows. Even with
192-kHz architecture, TAS5825M provide a rich
processing, such as 2×12 BQs, volume control, audio
mixer, 2 Band DRC and a Full Band AGL. With 48-
kHz or 96-kHz architecture, an integrated SRC
(Sample rate convertor) detects the input sample rate
change and auto convert to the target sample rate
which DSP is running to avoid any audio artifacts,
these process flows support richer processing, such
as
2×15
BQs,
3-Band
DRC,
Full-band
AGL
(Automatic Gain Limiter), Smart Amplifier Algorithm
(Speaker
Thermal/Excursion
Protection),
Bass
enhancement, Spatializer, THD manager and so on.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TAS5825M
VQFN (32) RHB
5.00 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - TAS5825M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5825P TI1-TAS5825P Datasheet
1Mb / 96P
TAS5825P 4.5 V to 26.4 V, 38 W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Audio Amplifier with Hybrid-Pro Algorithm
TAS5825P TI2-TAS5825P Datasheet
3Mb / 106P
TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
REVISED AUGUST 2025
TAS5825PRHBR TI1-TAS5825PRHBR Datasheet
1Mb / 96P
TAS5825P 4.5 V to 26.4 V, 38 W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Audio Amplifier with Hybrid-Pro Algorithm
More results

Similar Description - TAS5825M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
TAS5780M TI1-TAS5780M Datasheet
2Mb / 204P
Digital Input, Closed-Loop Class-D Amplifier with 96-kHz Processing
TAS5782M TI1-TAS5782M Datasheet
2Mb / 128P
30 W Stereo Class-D Amplifier with 96-kHz Processing
TAS5805M TI1-TAS5805M Datasheet
1Mb / 88P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TAS5805M TI1-TAS5805M_18 Datasheet
2Mb / 86P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TAS5806M TI1-TAS5806M Datasheet
2Mb / 91P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Power Dissipation
TAS5806MD TI1-TAS5806MD Datasheet
2Mb / 95P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and DirectPathTM HP Driver
TAS5825P TI1-TAS5825P Datasheet
1Mb / 96P
TAS5825P 4.5 V to 26.4 V, 38 W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Audio Amplifier with Hybrid-Pro Algorithm
TAS5822M TI-TAS5822M Datasheet
3Mb / 90P
TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com