Electronic Components Datasheet Search
  English  ▼

X  

TAS5825M Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5825M
Description  4.5 V to 26.4 V, 38-W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96-kHz/192-kHz Extended Audio Processing
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5825M Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS5825M Datasheet HTML 32Page - Texas Instruments TAS5825M Datasheet HTML 33Page - Texas Instruments TAS5825M Datasheet HTML 34Page - Texas Instruments TAS5825M Datasheet HTML 35Page - Texas Instruments TAS5825M Datasheet HTML 36Page - Texas Instruments TAS5825M Datasheet HTML 37Page - Texas Instruments TAS5825M Datasheet HTML 38Page - Texas Instruments TAS5825M Datasheet HTML 39Page - Texas Instruments TAS5825M Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 71 page
background image
36
TAS5825M
SLASEH7 – JANUARY 2018
www.ti.com
Product Folder Links: TAS5825M
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.6.1.19 AUTO_MUTE_TIME Register (Offset = 51h) [reset = 0x00]
AUTO_MUTE_TIME is shown in Figure 32 and described in Table 24.
Return to Summary Table.
Figure 32. AUTO_MUTE_TIME Register
7
6
5
4
3
2
1
0
RESERVED
AUTOMUTE_TIME_LEFT
RESERVED
AUTOMUTE_TIME_RIGHT
R/W
R/W
R/W
R/W
Table 24. AUTO_MUTE_TIME Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R/W
0
This bit is reserved
6-4
AUTOMUTE_TIME_LEFT
R/W
000
Auto Mute Time for Left Channel
These bits specify the length of consecutive zero samples at left
channel before the channel can be auto muted. The times shown are
for 96 kHz sampling rate and will scale with other rates.
000: 11.5 ms
001: 53 ms
010: 106.5 ms
011: 266.5 ms
100: 0.535 sec
101: 1.065 sec
110: 2.665 sec
111: 5.33 sec
3
RESERVED
R/W
0
This bit is reserved
2-0
AUTOMUTE_TIME_RIGH
T
R/W
000
Auto Mute Time for Right Channel
These bits specify the length of consecutive zero samples at right
channel before the channel can be auto muted. The times shown are
for 96 kHz sampling rate and will scale with other rates.
000: 11.5 ms
001: 53 ms
010: 106.5 ms
011: 266.5 ms
100: 0.535 sec
101: 1.065 sec
110: 2.665 sec
111: 5.33 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com