Electronic Components Datasheet Search
  English  ▼

X  

TAS5825M Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5825M
Description  4.5 V to 26.4 V, 38-W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96-kHz/192-kHz Extended Audio Processing
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5825M Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5825M Datasheet HTML 17Page - Texas Instruments TAS5825M Datasheet HTML 18Page - Texas Instruments TAS5825M Datasheet HTML 19Page - Texas Instruments TAS5825M Datasheet HTML 20Page - Texas Instruments TAS5825M Datasheet HTML 21Page - Texas Instruments TAS5825M Datasheet HTML 22Page - Texas Instruments TAS5825M Datasheet HTML 23Page - Texas Instruments TAS5825M Datasheet HTML 24Page - Texas Instruments TAS5825M Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
21
TAS5825M
www.ti.com
SLASEH7 – JANUARY 2018
Product Folder Links: TAS5825M
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.6 Register Maps
8.6.1 CONTROL PORT Registers
Table 4 lists the memory-mapped registers for the CONTROL PORT. All register offset addresses not listed in
Table 4 should be considered as reserved locations and the register contents should not be modified.
Table 4. CONTROL PORT Registers
Offset
Acronym
Register Name
Section
1h
RESET_CTRL
Register 1
Go
2h
DEVICE_CTRL_1
Register 2
Go
3h
DEVICE_CTRL2
Register 3
Go
Fh
I2C_PAGE_AUTO_INC
Register 15
Go
28h
SIG_CH_CTRL
Register 40
Go
29h
CLOCK_DET_CTRL
Register 41
Go
31h
I2S_CTRL
Register 49
Go
33h
SAP_CTRL1
Register 51
Go
34h
SAP_CTRL2
Register 52
Go
37h
FS_MON
Register 55
Go
38h
BCK (SCLK)_MON
Register 56
Go
39h
CLKDET_STATUS
Register 57
Go
40h
DSP_PGM_MODE
Register 64
Go
46h
DSP_CTRL
Register 70
Go
4Ch
DIG_VOL
Register 76
Go
4Eh
DIG_VOL_CTRL1
Register 78
Go
4Fh
DIG_VOL_CTRL2
Register 79
Go
50h
AUTO_MUTE_CTRL
Register 80
Go
51h
AUTO_MUTE_TIME
Register 81
Go
53h
ANA_CTRL
Register 83
Go
54h
AGAIN
Register 84
Go
55h
SPI_CLK
Register 85
Go
56h
EEPROM_CTRL0
Register 86
Go
57h
EEPROM_RD_CMD
Register 87
Go
58h
EEPROM_ADDR_START0
Register 88
Go
59h
EEPROM_ADDR_START1
Register 89
Go
5Ah
EEPROM_ADDR_START2
Register 90
Go
5Bh
EEPROM_BOOT_STATUS
Register 91
Go
5Ch
BQ_WR_CTRL1
Register 92
Go
5Eh
ADC_RPT
Register 94
Go
60h
GPIO_CTRL
Register 96
Go
61h
GPIO0_SEL
Register 97
Go
62h
GPIO1_SEL
Register 98
Go
63h
GPIO2_SEL
Register 99
Go
64h
GPIO_INPUT_SEL
Register 100
Go
65h
GPIO_OUT
Register 101
Go
66h
GPIO_OUT_INV
Register 102
Go
67h
DIE_ID
Register 103
Go
68h
POWER_STATE
Register 104
Go
69h
AUTOMUTE_STATE
Register 105
Go
6Ah
PHASE_CTRL
Register 106
Go
6Bh
SS_CTRL0
Register 107
Go



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com