Electronic Components Datasheet Search
  English  ▼

X  

TAS5825M Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5825M
Description  4.5 V to 26.4 V, 38-W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96-kHz/192-kHz Extended Audio Processing
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5825M Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5825M Datasheet HTML 2Page - Texas Instruments TAS5825M Datasheet HTML 3Page - Texas Instruments TAS5825M Datasheet HTML 4Page - Texas Instruments TAS5825M Datasheet HTML 5Page - Texas Instruments TAS5825M Datasheet HTML 6Page - Texas Instruments TAS5825M Datasheet HTML 7Page - Texas Instruments TAS5825M Datasheet HTML 8Page - Texas Instruments TAS5825M Datasheet HTML 9Page - Texas Instruments TAS5825M Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
6
TAS5825M
SLASEH7 – JANUARY 2018
www.ti.com
Product Folder Links: TAS5825M
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.5 Electrical Characteristics
Free-air room temperature 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL I/O
|IIH|
Input logic high current level
for DVDD referenced digital
input pins
VIN(DigIn) = VDVDD
10
µA
|IIL|
Input logic low current level
for DVDD referenced digital
input pins
VIN(DigIn) = 0 V
–10
µA
VIH(Digin)
Input logic high threshold for
DVDD referenced digital
inputs
70%
VDVDD
VIL(Digin)
Input logic low threshold for
DVDD referenced digital
inputs
30%
VDVDD
VOH(Digin)
Output logic high voltage
level
IOH = 4 mA
80%
VDVDD
VOL(Digin)
Output logic low voltage level
IOH = –4 mA
20%
VDVDD
I2C CONTROL PORT
CL(I2C)
Allowable load capacitance
for each I2C Line
400
pF
fSCL(fast)
Support SCL frequency
No wait states, fast mode
400
kHz
fSCL(slow)
Support SCL frequency
No wait states, slow mode
100
kHz
SERIAL AUDIO PORT
tDLY
Required LRCK/FS to SCLK
rising edge delay
5
ns
DSCLK
Allowable SCLK duty cycle
40%
60%
fS
Supported input sample rates
32
192
kHz
fSCLK
Supported SCLK frequencies
32
64
fS
fSCLK
SCLK frequency
24.576
MHz
SPEAKER AMPLIFIER (ALL OUTPUT CONFIGURATIONS)
toff
Turn-off Time
Excluding volume ramp
10
ms
ICC
Quiescent supply current
PDN=2V, PVDD=13.5V, No Load, LC filter =
10uH + 0.68uF, Fsw = 384kHz, Output Hiz Mode
8.57
mA
ICC
Quiescent supply current
PDN=2V, PVDD=13.5V, No Load, LC filter =
10uH + 0.68uF, Fsw = 384kHz, Sleep Mode
4.76
mA
ICC
Quiescent supply current
PDN=2V, PVDD=13.5V, No Load, LC filter =
10uH + 0.68uF,Fsw = 384khz, Deep Sleep Mode
9.2
uA
ICC
Quiescent supply current
PDN=0.8V, PVDD=13.5V, No Load, LC filter =
10uH + 0.68uF,Fsw = 384khz, Shutdown Mode
1.9
uA
AV(SPK_AMP)
Programmable Gain
Value represents the "peak voltage" disregarding
clipping due to lower PVDD).
Measured at 0 dB input (1FS)
4.87
29.5
V
ΔAV(SPK_AMP)
Amplifier gain error
Gain = 29.5 Vp
0.5
dB
fSPK_AMP
Switching frequency of the
speaker amplifier
384
kHz
768
kHz
RDS(on)
Drain-to-source on resistance
of the individual output
MOSFETs
FET + Metallization.
90
mΩ
OCETHRES
Over-Current Error Threshold
Any short to supply, ground, or other channels
7.5
A
Over-Current cycle-by-cycle
limit
6.5
A
OVETHRES(PVDD
PVDD over voltage error
threshold
28
V
UVETHRES(PVDD
PVDD under voltage error
threshold
4.2
V
OTETHRES
Over temperature error
threshold
160
°C
OTEHystersis
Over temperature error
hysteresis
10
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com