Electronic Components Datasheet Search
  English  ▼

X  

AD5590 Datasheet(PDF) 34 Page - Analog Devices

Part # AD5590
Description  16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5590 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD5590 Datasheet HTML 30Page - Analog Devices AD5590 Datasheet HTML 31Page - Analog Devices AD5590 Datasheet HTML 32Page - Analog Devices AD5590 Datasheet HTML 33Page - Analog Devices AD5590 Datasheet HTML 34Page - Analog Devices AD5590 Datasheet HTML 35Page - Analog Devices AD5590 Datasheet HTML 36Page - Analog Devices AD5590 Datasheet HTML 37Page - Analog Devices AD5590 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
AD5590
Rev. A | Page 33 of 44
LDAC Function
The outputs of all DACs can be updated simultaneously using
the hardware LDAC pin.
Synchronous LDAC: After new data is read, the DAC registers
are updated on the falling edge of the 32nd DSCLK pulse. LDAC
can be permanently low or pulsed as in Figure 4.
Asynchronous LDAC: The outputs are not updated at the same
time that the input registers are written to. When LDAC goes
low, the DAC registers are updated with the contents of the
input register.
Alternatively, the outputs of all DACs can be updated simulta-
neously using the software LDAC function by writing to Input
Register n and updating all DAC registers. Command 0011 is
reserved for this software LDAC function.
An LDAC register gives the user extra flexibility and control
over the hardware LDAC pin. This register allows the user to
select which combination of channels to simultaneously update
when the hardware LDAC pin is executed. Setting the LDAC bit
register to 0 for a DAC channel means that this channel’s update
is controlled by the LDAC pin. If this bit is set to 1, this channel
updates synchronously; that is, the DAC register is updated
after new data is read, regardless of the state of the LDAC pin.
It effectively registers the LDAC pin as being tied low. (See
Table 19 for the LDAC register mode of operation.) This
flexibility is useful in applications where the user wants to
simultaneously update select channels while the rest of the
channels are synchronously updating.
Writing to the DAC using Command 0110 loads the 8-bit
LDAC register (DB7 to DB0). The default for each channel is
0, that is, the LDAC pin works normally. Setting the bits to 1
means the DAC channel is updated regardless of the state of
the LDAC pin. See Table 20 for the contents of the input shift
register during the LDAC register mode of operation.
Table 19. LDAC Register
LDAC Bits (DB7 to DB0)
LDAC Pin
LDAC Operation
0
1/0
Determined by LDAC pin.
1
X—don’t care
DAC channels update, overriding the LDAC pin. DAC channels see LDAC as 0.
Table 20. DAC 32-Bit Input Shift Register Contents for LDAC Register Function
MSB
LSB
DB31
to DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20
DB19
to DB8 DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
X
0
1
1
0
X
X
X
X
X
DAC H DAC G DAC F DAC E DAC D DAC C DAC B DAC A
Don’t
care
Command bits (C3 to C0)
Address bits (A3 to A0)—
don’t care
Don’t
care
Setting LDAC bit to 1 overrides LDAC pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com