Electronic Components Datasheet Search
  English  ▼

X  

AD5590 Datasheet(PDF) 27 Page - Analog Devices

Part # AD5590
Description  16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5590 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5590 Datasheet HTML 23Page - Analog Devices AD5590 Datasheet HTML 24Page - Analog Devices AD5590 Datasheet HTML 25Page - Analog Devices AD5590 Datasheet HTML 26Page - Analog Devices AD5590 Datasheet HTML 27Page - Analog Devices AD5590 Datasheet HTML 28Page - Analog Devices AD5590 Datasheet HTML 29Page - Analog Devices AD5590 Datasheet HTML 30Page - Analog Devices AD5590 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
AD5590
Rev. A | Page 26 of 44
THEORY OF OPERATION
The AD5590 is an analog I/O module. The output port contains
sixteen 12-bit voltage output DAC channels. The DAC channels
are divided into two groups of eight DACs, each of which can be
programmed independently. Each group of DACs contains its
own internal 2.5 V reference. The references are powered down
by default allowing the use of external references, if required.
Either internal reference can be powered up and used as a refer-
ence for the ADC section. This is achieved by connecting the
appropriate VREFINx/VREFOUTx pin to VREFA. Because the VREFINx/
VREFOUTx pins have different input and output impedances it is
not possible to use one internal reference for both DAC groups
without buffering.
The input port comprises a single, 12-bit, 1 MSPS ADC with
16 multiplexed input channels. The ADC contains a sequencer
that allows it to sample any combination of the sixteen channels.
The AD5590 also contains eight rail-to-rail low noise amplifiers.
These amplifiers can be used independently or as part of signal
condition for the input or output ports.
DAC SECTION
Sixteen DACs make up the output port of the AD5590. Each
DAC consists of a string of resistors followed by an output
buffer amplifier. The sixteen DACs are divided into two groups
of eight with each group having its own internal 2.5 V reference
with an internal gain of 2. Figure 52 shows a block diagram of
the DAC architecture.
DAC REGISTER
REF (+)
DACVDD
VOUTx
GND
REF (–)
RESISTOR
STRING
OUTPUT
AMPLIFIER
(GAIN = +2)
Figure 52. DAC Architecture
Because the input coding to the DAC is straight binary, the ideal
output voltage when using an external reference is given by
N
REFIN
OUT
D
V
V
2
The ideal output voltage when using the internal reference is
given by
N
REFOUT
OUT
D
V
V
2
2
where:
D
= decimal equivalent of the binary code that is loaded to the
DAC register (0 to 4095).
N
= 12.
Resistor String
The resistor string section is shown in Figure 53. It is simply
a string of resistors, each of Value R. The code loaded into
the DAC register determines at which node on the string the
voltage is tapped off to be fed into the output amplifier. The
voltage is tapped off by closing one of the switches connecting
the string to the amplifier. Because it is a string of resistors, it is
guaranteed monotonic.
TO OUTPUT
AMPLIFIER
R
R
R
R
R
Figure 53. Resistor String
DAC Internal Reference
The DAC section has two on-chip 2.5 V references with
an internal gain of 2, giving a full-scale output of 5 V. The
on-board reference is off at power-up, allowing the use of
an external reference. The internal references are enabled
via a write to the appropriate control register (see Table 11).
The internal references associated with each group of DACs
are available at the VREFIN1/VREFOUT1 and VREFIN2/VREFOUT2 pins. A
buffer is required if the reference output is used to drive external
loads. When using the internal reference, it is recommended
that a 100 nF capacitor be placed between the reference output
and DACGND for reference stability.
Individual channel power-down is not supported while using
the internal reference.
DAC Output Amplifier
The output buffer amplifier can generate rail-to-rail voltages on
its output, which gives an output range of 0 V to DACVDD. The
amplifier is capable of driving a load of 2 kΩ in parallel with
1000 pF to DACGND. The source and sink capabilities of the
output amplifier can be seen in Figure 13. The slew rate is
1.5 V/μs with a ¼ to ¾ scale settling time of 10 μs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com