Electronic Components Datasheet Search
  English  ▼

X  

AD5590 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5590
Description  16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5590 Datasheet(HTML) 5 Page - Analog Devices

  AD5590 Datasheet HTML 1Page - Analog Devices AD5590 Datasheet HTML 2Page - Analog Devices AD5590 Datasheet HTML 3Page - Analog Devices AD5590 Datasheet HTML 4Page - Analog Devices AD5590 Datasheet HTML 5Page - Analog Devices AD5590 Datasheet HTML 6Page - Analog Devices AD5590 Datasheet HTML 7Page - Analog Devices AD5590 Datasheet HTML 8Page - Analog Devices AD5590 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
AD5590
Rev. A | Page 4 of 44
SPECIFICATIONS
ADC SPECIFICATIONS
ADCVDD = VDRIVE = 2.7 V to 5.25 VREFA = 2.5 V, fSCLK1 = 20 MHz, TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments2
DYNAMIC PERFORMANCE
fIN = 50 kHz sine wave, fSCLK = 20 MHz
Signal-to-(Noise + Distortion) (SINAD)3
68.5
70
dB
@ 5 V
70.5
dB
@ 3 V
Signal-to-Noise Ratio (SNR)3
69
70
dB
@ 5 V
70.5
dB
@ 3 V
Total Harmonic Distortion (THD)3
−74
−82
dB
@ 5 V
−82
dB
@ 3 V
Peak Harmonic or Spurious Noise (SFDR)3
−75
−86
dB
@ 5 V
−80
dB
@ 3 V
Intermodulation Distortion (IMD)3, 4
fa = 40.1 kHz, fb = 41.5 kHz
Second-Order Terms
−85
dB
Third-Order Terms
−85
dB
Aperture Delay4
10
ns
Aperture Jitter4
50
ps
Channel-to-Channel Isolation3, 4
−82
dB
fIN = 400 kHz
Full Power Bandwidth4
8.2
MHz
@ 3 dB
1.6
MHz
@ 0.1 dB
DC ACCURACY3
Resolution
12
Bits
Integral Nonlinearity
−1
+1
LSB
Differential Nonlinearity
−1
+1.5
LSB
Guaranteed no missing codes to 12 bits
0 V to VREFA Input Range
Straight binary output coding
Offset Error
−10
±0.6
+10
LSB
Offset Error Match
3.5
LSB
Gain Error
−2
+2
LSB
Gain Error Match
−0.8
+0.8
LSB
0 V to 2 × VREFA Input Range
−VREFA to +VREFA biased about VREFA with
twos complement output coding offset
Positive Gain Error
−2
+2
LSB
Positive Gain Error Match
−0.8
+0.8
LSB
Zero-Code Error
−8
±0.6
+8
LSB
Zero-Code Error Match
2
LSB
Negative Gain Error
−1
+1
LSB
Negative Gain Error Match
−0.8
+0.8
LSB
ANALOG INPUT
Input Voltage Ranges
0 to VREFA
V
Range bit set to 1
0 to 2 × VREFA
V
Range bit set to 0, ADCVDD/VDRIVE = 4.75 V
to 5.25 V for 0 V to 2 × VREFAS
DC Leakage Current
−1
+1
µA
Input Capacitance4
20
pF
REFERENCE INPUT
VREFA Input Voltage
2.5
V
±1% specified performance
DC Leakage Current
−1
+1
µA
VREFA Input Impedance4
36
kΩ
fSAMPLE = 1 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com