Electronic Components Datasheet Search
  English  ▼

X  

AD5590 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5590
Description  16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5590 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5590 Datasheet HTML 3Page - Analog Devices AD5590 Datasheet HTML 4Page - Analog Devices AD5590 Datasheet HTML 5Page - Analog Devices AD5590 Datasheet HTML 6Page - Analog Devices AD5590 Datasheet HTML 7Page - Analog Devices AD5590 Datasheet HTML 8Page - Analog Devices AD5590 Datasheet HTML 9Page - Analog Devices AD5590 Datasheet HTML 10Page - Analog Devices AD5590 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
AD5590
Rev. A | Page 6 of 44
DAC SPECIFICATIONS
DACVDD = 4.5 V to 5.25 V, RL = 2 kΩ to DACGND, CL = 200 pF to DACGND, VREFIN1 = VREFIN1 = DACVDD. All specifications TMIN to TMAX,
unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Conditions/Comments1
STATIC PERFORMANCE2
Resolution
12
Bits
Integrated Nonlinearity (INL)
−3
±0.5
+3
LSB
See Figure 6
Differential Nonlinearity (DNL)
−0.25
+0.25
LSB
Guaranteed monotonic by design; see Figure 7
Zero-Code Error
1
12
mV
All 0s loaded to DAC register; see Figure 11
Zero-Code Error Drift3
±2
µV/°C
Full-Scale Error
−1
−0.2
% FSR
All 1s loaded to DAC register
Gain Error
−1
+1
% FSR
Gain Temperature Coefficient3
±2.5
ppm
Of FSR/°C
Offset Error
−11
±5
+11
mV
DC Power Supply Rejection Ratio3
–80
dB
DACVDD ± 10%
DC Crosstalk3
External Reference
10
µV
Due to full-scale output change, RL = 2 kΩ to DACGND or
DACVDD
5
µV/mA
Due to load current change
10
µV
Due to powering down (per channel)
Internal Reference
25
µV
Due to full-scale output change, RL = 2 kΩ to DACGND or
DACVDD
10
µV/mA
Due to load current change
OUTPUT CHARACTERISTICS3
Output Voltage Range
0
DACVDD
V
Capacitive Load Stability
2
nF
RL = ∞
10
nF
RL = 2 kΩ
DC Output Impedance
0.5
Ω
Short-Circuit Current
30
mA
DACVDD = 5 V
Power-Up Time
4
µs
Coming out of power-down mode, DACVDD = 5 V
REFERENCE INPUTS
Reference Current
40
50
µA
VREFINx = DACVDD = 5.5 V (per DAC channel)
Reference Input Range
0
DACVDD
V
Reference Input Impedance3
14.6
kΩ
REFERENCE OUTPUT
Output Voltage
2.495
2.505
V
At ambient
Reference Temperature Coefficient3
±10
ppm/°C
Reference Output Impedance3
7.5
kΩ
LOGIC INPUTS
Input Current
−3
+3
µA
All digital inputs
Input Low Voltage, VINL
0.8
V
DACVDD = 5 V
Input High Voltage, VINH
2
V
DACVDD = 5 V
Pin Capacitance3
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com