Electronic Components Datasheet Search
  English  ▼

X  

AD5590 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5590
Description  16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5590 Datasheet(HTML) 1 Page - Analog Devices

  AD5590 Datasheet HTML 1Page - Analog Devices AD5590 Datasheet HTML 2Page - Analog Devices AD5590 Datasheet HTML 3Page - Analog Devices AD5590 Datasheet HTML 4Page - Analog Devices AD5590 Datasheet HTML 5Page - Analog Devices AD5590 Datasheet HTML 6Page - Analog Devices AD5590 Datasheet HTML 7Page - Analog Devices AD5590 Datasheet HTML 8Page - Analog Devices AD5590 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
16 Input, 16 Output Analog I/O Port
with Integrated Amplifiers
AD5590
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Input channels
12-bit successive approximation ADC
16 inputs with sequencer
Fast throughput rate: 1 MSPS
Wide input bandwidth: 70 dB SNR at fIN = 50 kHz
Output channels
16 outputs with 12-bit DACs
On-chip 2.5 V reference
Hardware LDAC and LDAC override function
CLR function to programmable code
Rail-to-rail operation
Operational amplifiers
Offset voltage: 2.2 mV maximum
Low input bias current: 1 pA maximum
Single supply operation
Low noise: 22 nV/√Hz
Unity gain stable
Flexible serial interface
SPI-/QSPI-/MICROWIRE-/DSP-compatible
−40°C to +85°C operation
Available in 80-ball CSP_BGA package
APPLICATIONS
Optical line cards
Base stations
General-purpose analog I/O
Monitoring and control
FUNCTIONAL BLOCK DIAGRAM
INPUT
REGISTER
DDIN
LDAC
VOUT7
ADCVDD
LDAC
VREFIN1/VREFOUT1
DSYNC1
DSCLK
AD5590
CLR
2.5V REF
VOUT0
DAC
REGISTER
STRING
DAC 0
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC 7
BUFFER
POWER-DOWN
LOGIC
POWER-ON
RESET
DAC
INTERFACE
LOGIC
IN0(–) IN0(+)
OUT0
IN7(–) IN7(+)
OUT7
VIN0
VIN15
INPUT
MUX
T/H
ASCLK
ASYNC
SEQUENCER
VREFA
VDRIVE
DACGND (×2)
DSYNC2
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
ADC
INTERFACE
LOGIC
ADIN
ADOUT
INPUT
REGISTER
VOUT15
VOUT8
DAC
REGISTER
STRING
DAC 8
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC 15
BUFFER
VREFIN2/VREFOUT2
POWER-DOWN
LOGIC
2.5V REF
DACVDD (×2)
ADCGND
V1+ V2+ V1– V2–
Figure 1.


Similar Part No. - AD5590

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5590 AD-AD5590 Datasheet
1Mb / 44P
16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
AD5590BBC AD-AD5590BBC Datasheet
1Mb / 44P
16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
AD5590BBCZ AD-AD5590BBCZ Datasheet
1Mb / 44P
16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
More results

Similar Description - AD5590

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD15700 AD-AD15700 Datasheet
1Mb / 44P
1 MSPS 16-/14-Bit Analog I/O Port
2/03-Data Sheet changed from REV. 0 to REV. A.
logo
NXP Semiconductors
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
16-bit I2C and SMBus I/O Port with Interrupt
logo
Analog Devices
AD5590 AD-AD5590 Datasheet
1Mb / 44P
16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
logo
Advantech Co., Ltd.
PCI-1721 ADVANTECH-PCI-1721 Datasheet
590Kb / 1P
12-bit, 4-ch Analog Output PCI Card with 16-ch Digital I/O
PCI-1723 ADVANTECH-PCI-1723 Datasheet
592Kb / 1P
16-bit, 8-ch Analog Output PCI Card with 16-ch Digital I/O
logo
Analog Devices
AD7769 AD-AD7769_15 Datasheet
267Kb / 16P
Analog I/O Port
REV. A
logo
Advantech Co., Ltd.
PCI-1723 ADVANTECH-PCI-1723_15 Datasheet
351Kb / 1P
16-bit, 8-ch Analog Output PCI Card with 16-ch Digital I/O
ADAM-6717 ADVANTECH-ADAM-6717 Datasheet
226Kb / 1P
Intelligent I/O Gateway with Analog Input
26-Nov-2020
AMAX-4817 ADVANTECH-AMAX-4817 Datasheet
479Kb / 1P
8-Channel, 16-Bit Isolated Analog Input EtherCAT Remote I/O Module
6-Sep-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com