Electronic Components Datasheet Search
  English  ▼

X  

MAX20303 Datasheet(PDF) 60 Page - Maxim Integrated Products

Part # MAX20303
Description  Wearable Power Management Solution
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20303 Datasheet(HTML) 60 Page - Maxim Integrated Products

Back Button MAX20303 Datasheet HTML 56Page - Maxim Integrated Products MAX20303 Datasheet HTML 57Page - Maxim Integrated Products MAX20303 Datasheet HTML 58Page - Maxim Integrated Products MAX20303 Datasheet HTML 59Page - Maxim Integrated Products MAX20303 Datasheet HTML 60Page - Maxim Integrated Products MAX20303 Datasheet HTML 61Page - Maxim Integrated Products MAX20303 Datasheet HTML 62Page - Maxim Integrated Products MAX20303 Datasheet HTML 63Page - Maxim Integrated Products MAX20303 Datasheet HTML 64Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 152 page
background image
Table 3. RAMHP Pattern Storage Format
ADDRESS
0x28-0x2B
BIT
B7
B6
B5
B4
B3
B2
B1
B0
HptRAMAddr
HptRAMAddr[7:0]
HptDataH
nLSx[1:0]
AmpSign
Amp[6:2]
HptDataM
Amp[1:0]
Dur[4:0]
Wait[4]
HptDataL
Wait[3:0]
RPTx[3:0]
HptRAMAddr
[7:0]
The RAM address in which the pattern sample is stored
nLSx[1:0]
Sets the behavior of a sample in the pattern.
00 = Current sample is the last sample in the pattern
01 = Current sample is not the last sample in the pattern
10 = Interpolate current sample with next sample
11 = Current sample is the last sample in the pattern. Repeat the entire pattern RPTx[3:0] times
AmpSign[1:0]
Sign of haptic amplitude in current sample
0 = Positive
1 = Negative
Amp[6:2]
Sets the amplitude of pattern sample x as a 7-bit percentage of VFS and a 1-bit direction. See HptVfs[7:0] in
Table 131.
Dur[4:0]
Sets the duration of time the driver outputs the amplitude of the current sample in increments of 5ms
00000 = 0ms
00001 = 5ms
...
11110 = 150ms
11111 = 155ms
Wait[4:0]
Sets the duration of time the driver waits at zero amplitude before the next sample in increments of 5ms
00000 = 0ms
00001 = 5ms
...
11110 = 150ms
11111 = 155ms
RPTx[3:0]
Sets the number of times to repeat the sample before moving to the next sample in the pattern. If nLSx[1:0] = 11,
this sets the number of times to repeat the whole pattern.
0000 = Repeat 0 times
0001 = Repeat 1 time
…
1110 = Repeat 14 times
1111 = Repeat 15 times
MAX20303
Wearable Power Management Solution
www.maximintegrated.com
Maxim Integrated │ 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com