Electronic Components Datasheet Search
  English  ▼

X  

MAX20303 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX20303
Description  Wearable Power Management Solution
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20303 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX20303 Datasheet HTML 1Page - Maxim Integrated Products MAX20303 Datasheet HTML 2Page - Maxim Integrated Products MAX20303 Datasheet HTML 3Page - Maxim Integrated Products MAX20303 Datasheet HTML 4Page - Maxim Integrated Products MAX20303 Datasheet HTML 5Page - Maxim Integrated Products MAX20303 Datasheet HTML 6Page - Maxim Integrated Products MAX20303 Datasheet HTML 7Page - Maxim Integrated Products MAX20303 Datasheet HTML 8Page - Maxim Integrated Products MAX20303 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 152 page
background image
Ordering Information appears at end of data sheet.
General Description
The MAX20303 is a highly integrated and programmable
power management solution designed for ultra-low-power
wearable applications. It is optimized for size and efficiency
to enhance the value of the end product by extending battery
life and shrinking the overall solution size. A flexible set
of power-optimized voltage regulators, including multiple
bucks, boost, buck-boost, and linear regulators, provides
a high level of integration and the ability to create a fully
optimized power architecture. The quiescent current of
each regulator is specifically suited for 1µA (typ) to extend
battery life in always-on applications.
The MAX20303 includes a complete battery management
solution with battery seal, charger, power path, and fuel
gauge. Both thermal management and input protection
are built into the charger.
The device also includes a factory programmable button
controller with multiple inputs that are customizable to fit
specific product UX requirements.
Three integrated LED current sinks are included for indicator
or backlighting functions, and an ERM/LRA driver with
automatic resonance tracking is capable of providing
sophisticated haptic feedback to the user.
The device is configurable through an I2C interface that
allows for programming various functions and reading
device status, including the ability to read temperature
and supply voltages with the integrated ADC.
This device is available in a 56-bump, 0.5mm pitch
3.71mm x 4.21mm, wafer-level package (WLP) and
operates over the -40°C to +85°C extended temperature
range.
Applications
● Wearable Devices
● IoT
Benefits and Features
● Extend Battery Use Time Between Battery Charging
• 2 x Micro-IQ Buck Regulators (<1µA IQ (typ) Each)
• 220mA Output
• Buck1: 0.8V to 2.375V in 25mV Steps
• Buck2: 0.8V to 3.95V in 50mV Steps
• Micro-IQ LV LDO/Load Switch (1µA IQ (typ))
• 1.16V to 2.0V Input Voltage
• 50mA Output
• 0.5V to 1.95V Output, 25mV Steps
• Micro-IQ LDO/Load Switch (1µA IQ (typ))
• 1.71V to 5.5V Input Voltage
• 100mA Output
• 0.9V to 4V, 100mV Steps
• Micro-IQ Buck-Boost Regulator (1.3µA IQ (typ))
• 250mW Output
• 2.5V to 5V in 100mV Steps
● Easy-to-Implement Li+ Battery Charging
• Wide Fast Charge Current Range: 5mA to 500mA
• Smart Power Selector
• 28V/-5.5V Tolerant Input
• Programmable JEITA Current/Voltage Profiles
● Minimize Solution Footprint Through High Integration
• Safe Output LDO
• 15mA When CHGIN Present
• 5V or 3.3V
• Haptic Driver
• ERM/LRA Driver with Quick Start And Breaking
• Automatic Resonance Tracking (LRA only)
● Support Wide Variety of Display Options
• Micro-IQ Boost Regulator (2.4µA IQ (typ))
• 300mW Output
• 5V to 20V in 250mV Step
• 3 Channel Current Sinks
• 20V Tolerant
• Programmable from 0.6 to 30mA
● Optimize System Control
• Power-On/Reset Controller
• Programmable Push-Button Controller
• Programmable Supply Sequencing
• Factory Shelf Mode
• On-Chip Voltage Monitor Multiplexer and Analog-
to-Digital Converter (ADC)
19-8738; Rev 6; 10/17
MAX20303
Wearable Power Management Solution
EVALUATION KIT AVAILABLE


Similar Part No. - MAX20303

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20303AEWN+ MAXIM-MAX20303AEWN+ Datasheet
3Mb / 151P
PMIC with Ultra Low IQ Voltage Regulators, Battery Charger and Fuel Gauge for Small Lithium Ion Systems
2020
MAX20303AEWN+T MAXIM-MAX20303AEWN+T Datasheet
3Mb / 151P
PMIC with Ultra Low IQ Voltage Regulators, Battery Charger and Fuel Gauge for Small Lithium Ion Systems
2020
MAX20303BEWN+ MAXIM-MAX20303BEWN+ Datasheet
3Mb / 151P
PMIC with Ultra Low IQ Voltage Regulators, Battery Charger and Fuel Gauge for Small Lithium Ion Systems
2020
MAX20303BEWN+T MAXIM-MAX20303BEWN+T Datasheet
3Mb / 151P
PMIC with Ultra Low IQ Voltage Regulators, Battery Charger and Fuel Gauge for Small Lithium Ion Systems
2020
MAX20303CEWN+ MAXIM-MAX20303CEWN+ Datasheet
3Mb / 151P
PMIC with Ultra Low IQ Voltage Regulators, Battery Charger and Fuel Gauge for Small Lithium Ion Systems
2020
More results

Similar Description - MAX20303

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5004B STMICROELECTRONICS-VND5004B Datasheet
303Kb / 2P
M0-5 solution for power management
Jan-2008
logo
Maxim Integrated Produc...
MAX14690 MAXIM-MAX14690 Datasheet
714Kb / 3P
Wearable Charge-Management Solution
Rev 10; 4/16
logo
Richtek Technology Corp...
RT4730 RICHTEK-RT4730 Datasheet
362Kb / 17P
Power Solution for Wearable AMOLED Products
logo
Shenzhen Huazhimei Semi...
HM5826 HMSEMI-HM5826 Datasheet
1Mb / 7P
Mobile power management solution
HM5827 HMSEMI-HM5827 Datasheet
886Kb / 6P
Mobile power management solution
HM5828 HMSEMI-HM5828 Datasheet
1Mb / 6P
Mobile power management solution
HM5805E HMSEMI-HM5805E Datasheet
2Mb / 10P
Mobile power management solution
logo
Maxim Integrated Produc...
MAX14676 MAXIM-MAX14676 Datasheet
304Kb / 3P
Wearable Charge Management Solution
Rev 3; 5/17
logo
Analog Devices
ADP5320 AD-ADP5320 Datasheet
134Kb / 2P
Wearable Power Management Solution for Multiple Battery Types
MAX20356 AD-MAX20356 Datasheet
10Mb / 192P
Wearable Power-Management Solution
Rev 0; 3/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com