Electronic Components Datasheet Search
  English  ▼

X  

MAX20303 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX20303
Description  Wearable Power Management Solution
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20303 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX20303 Datasheet HTML 9Page - Maxim Integrated Products MAX20303 Datasheet HTML 10Page - Maxim Integrated Products MAX20303 Datasheet HTML 11Page - Maxim Integrated Products MAX20303 Datasheet HTML 12Page - Maxim Integrated Products MAX20303 Datasheet HTML 13Page - Maxim Integrated Products MAX20303 Datasheet HTML 14Page - Maxim Integrated Products MAX20303 Datasheet HTML 15Page - Maxim Integrated Products MAX20303 Datasheet HTML 16Page - Maxim Integrated Products MAX20303 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 152 page
background image
(VBAT = +3.7V, TA = -20°C to +70°C, unless otherwise noted. Typical values are at TA = +25°C. CSFOUT = 1µF, CVDIG = 1µF, CCAP =
1µF, CSYS = 10µF, CBK1OUT_EFF = 10µF, CBK2OUT_EFF = 10µF, CL1IN = 1µF, CL2IN = 1µF, CL1OUT = 1µF, CL2OUT = 1µF, CCPP = 27nF,
CBSTOUT_EFF = 10µF, CBBOUT_EFF = 10µF, LBK1 = 2.2µH, LBK2 = 2.2µH, LBSTOUT = 4.7µH, LBBOUT = 4.7µH). (Note 1)
Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GLOBAL SUPPLY CURRENT
Charger Input Current
ICHGIN
VCHGIN = +5V, On state, charger
disabled, Buck1 enabled, no LDO
enabled
1.3
mA
BAT Input Current
IBAT
VCHGIN = 0V, Off state, LDO2 disabled
0.4
µA
VCHGIN = 0V, Off state, LDO2 enabled,
L2IN connected to BAT
1.6
VCHGIN = 0V, On state, all blocks
disabled, Fuel Gauge off
2.4
VCHGIN = 0V, On state, Buck1 enabled,
Fuel Gauge off
3.4
VCHGIN = 0V, On state, Buck1 and
Buck2 enabled, Fuel Gauge off
3.9
INTERNAL SUPPLIES, BIAS, AND UVLOS
VCCINTUVLO Rising
Threshold
VVCCINT_
UVLO_R
(Note 2)
2.25
2.45
2.75
V
VCCINTUVLO Falling
Threshold
VVCCINT_
UVLO_F
(Note 2)
2.2
2.4
2.7
V
VCCINTUVLO Threshold
Hysteresis
VVCCINT_
UVLO_H
(Note 2)
50
mV
Internal CAP Regulator
VCAP
VCHGIN = +4.3V to +28V
3.75
4.1
4.55
V
CAPOK Rising Threshold
VCAP_OK_R
VCHGIN = VCAP
3.15
3.4
3.6
V
CAPOK Falling Threshold
VCAP_OK_F
VCHGIN = VCAP
2.6
2.8
3
V
CAPOK Threshold
Hysteresis
VCAP_OK_H
600
mV
VBDET Rising Threshold
VCHGIN_
DET_R
4
4.15
4.3
V
VBDET Falling Threshold
VCHGIN_
DET_F
3.2
3.3
3.4
V
VBDET Threshold
Hysteresis
VCHGIN_
DET_H
850
mV
CHGIN Detection
Debounce Time
tCHGIN_DET_R CHGIN insertion
28
ms
tCHGIN_DET_F CHGIN detachment
20
SYSUVLO Rising
Threshold
VSYS_UVLO_R
2.65
2.75
2.85
V
SYSUVLO Falling
Threshold
VSYS_UVLO_F
2.6
2.7
2.8
V
SYSUVLO Threshold
Hysteresis
VSYS_UVLO_H
50
mV
MAX20303
Wearable Power Management Solution
www.maximintegrated.com
Maxim Integrated │ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com