Electronic Components Datasheet Search
  English  ▼

X  

MAX20303 Datasheet(PDF) 53 Page - Maxim Integrated Products

Part # MAX20303
Description  Wearable Power Management Solution
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20303 Datasheet(HTML) 53 Page - Maxim Integrated Products

Back Button MAX20303 Datasheet HTML 49Page - Maxim Integrated Products MAX20303 Datasheet HTML 50Page - Maxim Integrated Products MAX20303 Datasheet HTML 51Page - Maxim Integrated Products MAX20303 Datasheet HTML 52Page - Maxim Integrated Products MAX20303 Datasheet HTML 53Page - Maxim Integrated Products MAX20303 Datasheet HTML 54Page - Maxim Integrated Products MAX20303 Datasheet HTML 55Page - Maxim Integrated Products MAX20303 Datasheet HTML 56Page - Maxim Integrated Products MAX20303 Datasheet HTML 57Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 152 page
background image
Power Sequencing
The sequencing of the switching regulators, LDOs, and
charge pump during power-on is configurable. See
each regulator’s sequencing bits for details. Regulators
can turn on at one of three points during the power-on
process: 75ms after the power-on event, at the time the
RST
signal is released, or at two points in between. The
two points between SYS and RST are fixed proportionally
to the duration of the Power-On Reset (POR) process
(tRST). The timing relationship is presented graphically
in Figure 3.
Alternatively, the regulators can remain off by default
and turn on with an I2C command after RST is released.
LDO2 can be configured to be always-on as long as SYS
or BAT is present.
The SYS voltage is monitored during the power-on
sequence. If VSYS falls below VSYS_UVLO_F during the
sequencing process with a valid voltage at CHGIN, the
process repeats from the point where SYS was enabled
to allow more time for the voltage to stabilize. If there is
not a valid voltage at CHGIN, the device returns to the
OFF state to avoid draining the battery. Power is also
turned off if BAT experiences a current greater than
IBAT_OC_R for more than tBAT_OC_D.
Figure 3. Reset Sequence Programming
MAX20303
Wearable Power Management Solution
www.maximintegrated.com
Maxim Integrated │ 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com