Electronic Components Datasheet Search
  English  ▼

X  

MAX20303 Datasheet(PDF) 54 Page - Maxim Integrated Products

Part # MAX20303
Description  Wearable Power Management Solution
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20303 Datasheet(HTML) 54 Page - Maxim Integrated Products

Back Button MAX20303 Datasheet HTML 50Page - Maxim Integrated Products MAX20303 Datasheet HTML 51Page - Maxim Integrated Products MAX20303 Datasheet HTML 52Page - Maxim Integrated Products MAX20303 Datasheet HTML 53Page - Maxim Integrated Products MAX20303 Datasheet HTML 54Page - Maxim Integrated Products MAX20303 Datasheet HTML 55Page - Maxim Integrated Products MAX20303 Datasheet HTML 56Page - Maxim Integrated Products MAX20303 Datasheet HTML 57Page - Maxim Integrated Products MAX20303 Datasheet HTML 58Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 152 page
background image
Current Sink
In addition to several voltage regulators, the MAX20303
also includes three low-dropout linear current regulators
from LED_ to GND. The sink current of each current
regulator is independently programmable through its
respective LED_ISet[4:0] bits in direct registers LED_
Direct (0x2D–0x2F). The current regulators can be
programmed to sink 0.6mA to 30mA with configurable step
sizes and are ideal for sinking current from external LEDs.
The LEDIStep[1:0] bits in direct register LEDStepDirect
(0x2C) control the size of the current steps for all current
sinks. This step size also sets an effective limit on the
sinking current as the number of steps remains constant
while the step size varies. Current sinks are enabled
through an I2C command, by an internal charger status
signal, or by an external MPC pin allowing for LED status
indicators. Note that the current sinks always draw
quiescent current when tied to an MPC_ control or status
signal regardless of the MPC_ or status state.
System Load Switch
An internal 80mΩ (typ) MOSFET connects BAT to SYS
when no voltage source is available on CHGIN. When an
external source is detected at CHGIN, this switch opens
and SYS is powered from the input source through the
input current limiter. The SYS-to-BAT switch also prevents
VSYS from falling below VBAT when the system load
exceeds the input current limit. If VSYS drops to VBAT
due to the current limit, the BAT-SYS switch turns on so
the load is supported by the battery. If the system load
continuously exceeds the input current limit, the battery
is not charged. This is useful for handling loads that are
nominally below the input current limit but have high
current peaks exceeding the input current limit. During
these peaks, battery energy is used, but at all other times
the battery charges.
Smart Power Selector
The smart power selector seamlessly distributes power
from the external CHGIN input to the BAT and SYS
nodes. With both an external adapter and battery
connected, the smart power selector basic functions are:
● When the system load requirements are less than
the input current limit, the battery is charged with
residual power from the input.
● When the system load requirements exceed the
input current limit, the battery supplies supplemental
current to the load.
● When the battery is connected and there is no external
power input, the system is powered from the battery.
Input Limiter
The input limiter distributes power from the external
adapter to the system load and battery charger. In
addition to the input limiter’s primary function of passing
power to the system load and charger, it performs several
additional functions to optimize use of available power.
Invalid CHGIN Voltage Protection: If CHGIN is above
the overvoltage threshold, the device enters overvoltage
lockout (OVL). OVL protects the MAX20303 and down-
stream circuitry from high-voltage stress up to +28V and
down to -5.5V. During positive OVL, the internal circuit
remains powered and an interrupt is sent to the host.
The negative voltage protection disconnects CHGIN and
the device is powered only by BAT. The charger turns off
and the system load switch closes, allowing the battery to
power SYS. CHGIN is also invalid if it is less than VBAT,
or less than the USB undervoltage threshold. With an
invalid input voltage, the BAT-SYS load switch closes and
allows the battery to power SYS.
CHGIN Input Current Limit: The CHGIN input current
is limited to prevent input overload. The input current
limit is controlled by I2C. To accommodate systems with
a high in-rush current, the limiter includes a program-
mable blanking time during which the input current limit
increases to ILIM_MAX.
Thermal Limiting: In case the die temperature exceeds
the normal limit (TCHG_LIM), the MAX20303 attempts
to limit temperature increase by reducing the input
current from CHGIN. In this condition, the system load has
priority over the charger current, so the input current is
first reduced by lowering the charge current. If the junction
temperature continues to rise and reaches the maximum
operating limit (TCHGIN_SHDN), no input current is drawn
from CHGIN and the battery powers the entire system load.
Adaptive Battery Charging: While the system is powered
from CHGIN, the charger draws power from SYS to
charge the battery. If the total load exceeds the input
current limit, an adaptive charger control loop reduces
charge current to prevent VSYS from collapsing. When
the charge current is reduced below 50% due to ILIM or
TCHG_LIM limits, the timer clock operates at half speed.
When the charge current is reduced below 20% due to
ILIM or TCHG_LIM limits, the timer clock is paused.
Fast-Charge Current Setting: The MAX20303 uses an
external resistor connected from SET to GND to set the
fast-charge current. The precharge and charge-termina-
tion currents are programmed as a percentage of this
value by opcode 0x14. The fast-charge current resistor
can be calculated as:
RSET = KSET x VSET/IFChg
MAX20303
Wearable Power Management Solution
www.maximintegrated.com
Maxim Integrated │ 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com