Electronic Components Datasheet Search
  English  ▼

X  

MAX20303 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX20303
Description  Wearable Power Management Solution
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20303 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX20303 Datasheet HTML 35Page - Maxim Integrated Products MAX20303 Datasheet HTML 36Page - Maxim Integrated Products MAX20303 Datasheet HTML 37Page - Maxim Integrated Products MAX20303 Datasheet HTML 38Page - Maxim Integrated Products MAX20303 Datasheet HTML 39Page - Maxim Integrated Products MAX20303 Datasheet HTML 40Page - Maxim Integrated Products MAX20303 Datasheet HTML 41Page - Maxim Integrated Products MAX20303 Datasheet HTML 42Page - Maxim Integrated Products MAX20303 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 152 page
background image
VBAT = +3.7V, CSFOUT = 1µF, CVDIG = 1µF, CCAP = 1µF, CSYS = 10µF, CBK1OUT_EFF = 15µF, CBK2OUT_EFF = 10µF, CL1IN = 22µF,
CL2IN = 22µF, CL1OUT_EFF = 15µF, CL2OUT_EFF = 10µF, CCPP = 27nF, CBSTOUT_EFF = 10µF, CBBOUT_EFF = 10µF, LBK1 = 2.2µH,
LBK2 = 2.2µH, LBSTOUT = 4.7µH, LBBOUT = 4.7µH, TA = +25°C, unless otherwise noted.
Typical Operating Characteristics (continued)
50mV/div
(AC-
COUPLED)
50mA/div
toc32
20ms/div
LDO1LOADTRANSIENT
VOUTN
VINSIDE
VBACKUP
VL1OUT
IL1OUT
LDO1VSet = 1V
50mV/div
(AC-
COUPLED)
50mA/div
toc34
20ms/div
LDO2LOADTRANSIENT
VOUTN
VINSIDE
VBACKUP
VL2OUT
IL2OUT
LDO2VSet = 3V
2.985
2.99
2.995
3
3.005
3.01
3.015
0
20
40
60
80
100
IL2OUT (mA)
LDO2LOADREGULATION
toc33
VSYS = 3.3V
VSYS = 3.7V
VSYS = 4.2V
LDO2VSet = 3V
0
100
200
300
400
500
600
700
800
-25
-15
-5
5
15
25
INITIAL GUESS ERROR (%)
TIMETORESONANCELOCKvs. INITIALGUESSERROR
(ESTIMATEDBYVIBRATIONAMPLITUDE)
toc35
EmfSkipCyc = 0x01,
WidLpGain = 0x04
EmfSkipCyc = 0x00,
WidLpGain = 0x03
EmfSkipCyc = 0x00,
WidLpGain = 0x02
LRA = Samsung DMJBRN1030BK
500mV/div
(AC-
COUPLED)
2V/div
toc36
100ms/div
HAPTICDRIVERLRASELFTUNING
IniGssCLOSETORESONANTFREQUENCY
VOUTN
VINSIDE
VBACKUP
VIBRATION AMPLITUDE
DRP
FREQUENCY = 211.8Hz
IniGss = 200Hz
toc37
40ms/div
HAPTICDRIVERLRASELFTUNING
ERRORINIniGssRESONANCESETTING
VOUTN
VINSIDE
VBACKUP
ERROR = -10%
ERROR = 3%
ERROR = 0%
ERROR = 3%
ERROR = 10%
NarLpGain = 0x02
WidLpGain = 0x04
EmfSkipCyc = 0x01
LRA VIBRATION
AMPLITUDE
Maxim Integrated │ 39
www.maximintegrated.com
MAX20303
Wearable Power Management Solution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com