Electronic Components Datasheet Search
  English  ▼

X  

MAX20303 Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # MAX20303
Description  Wearable Power Management Solution
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20303 Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button MAX20303 Datasheet HTML 45Page - Maxim Integrated Products MAX20303 Datasheet HTML 46Page - Maxim Integrated Products MAX20303 Datasheet HTML 47Page - Maxim Integrated Products MAX20303 Datasheet HTML 48Page - Maxim Integrated Products MAX20303 Datasheet HTML 49Page - Maxim Integrated Products MAX20303 Datasheet HTML 50Page - Maxim Integrated Products MAX20303 Datasheet HTML 51Page - Maxim Integrated Products MAX20303 Datasheet HTML 52Page - Maxim Integrated Products MAX20303 Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 152 page
background image
Figure 1e. PwrRstCfg = 0111
ON
SHUTDOWN
HOLD RST LOW
TURN OFF RESOURCES
WAIT RESOURCES
TURN-OFF TIME 20ms
PASSIVE DISCHARGE
OUTPUTS
10ms
OFF
GLOBAL PASSIVE
DISCHARGE OTP
THROUGH PFN 1 LOW 3s
OR CHGIN ATTACH (28ms DEBOUNCE)
BOOT
SEQUENCE
PwrRstCfg = 0111
THROUGH PFN1 LOW
(10ms DEBOUNCE) FOR 10sec
SOFT RESET
HOLD RST LOW
PFN1/2 RELEASE (10ms DEBOUNCE)
+ 10ms DELAY
THROUGH I2C PWR_OFF_CMD OR
I2C_PWR_OFF_DELY (30ms DELAY)
MAX20303
Wearable Power Management Solution
www.maximintegrated.com
Maxim Integrated │ 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com