Electronic Components Datasheet Search
  English  ▼

X  

AD9671EBZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 24Page - Analog Devices AD9671EBZ Datasheet HTML 25Page - Analog Devices AD9671EBZ Datasheet HTML 26Page - Analog Devices AD9671EBZ Datasheet HTML 27Page - Analog Devices AD9671EBZ Datasheet HTML 28Page - Analog Devices AD9671EBZ Datasheet HTML 29Page - Analog Devices AD9671EBZ Datasheet HTML 30Page - Analog Devices AD9671EBZ Datasheet HTML 31Page - Analog Devices AD9671EBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
Data Sheet
AD9671
Rev. A| Page 27 of 60
Address
0x00F,
Bits[7:3]
LPF Cutoff
Frequency (MHz)
Sampling Frequency (MHz)
20.5
40
65
80
125
1 0000
1.45 × (1/6) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
15.71
19.33
Out of tunable filter
range
1 0001
1.25 × (1/6) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
13.54
16.67
26.04
1 0010
1.13 × (1/6) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
Out of tunable filter
range
15.00
23.44
1 0011
1.0 × (1/6) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
Out of tunable filter
range
Out of tunable filter
range
20.83
1 0100
0.9 × (1/6) × fSAMPLE
Out of tunable filter
range
Out of tunable filter
range
Out of tunable filter
range
Out of tunable filter
range
18.75
1 0101
0.8 × (1/6) × fSAMPLE
Out of tunable filter
range
Out of tunable filter
range
Out of tunable filter
range
Out of tunable filter
range
16.67
1 0110
0.75 × (1/6) × fSAMPLE
Out of tunable filter
range
Out of tunable filter
range
Out of tunable filter
range
Out of tunable filter
range
15.63
Table 13. High-Pass Filter Cutoff Options
Address 0x02B[1:0] High-Pass Filter Cutoff
High-Pass Cutoff Frequency
Ratio1
Low-Pass Cutoff = 8 MHz
Low-Pass Cutoff = 18 MHz
00 (default)
12.00
670 kHz
1.5 MHz
01
9.00
890 kHz
2.0 MHz
10
6.00
1.33 MHz
3.0 MHz
11
3.00
2.67 MHz
6.0 MHz
1 Ratio = low-pass filter cutoff frequency/high-pass filter cutoff frequency.
AAF/VGA Test Mode
For debug and testing, there is a bypass switch to view the AAF
output on the GPO2 and GPO3 pins. Enable this mode via SPI
Address 0x109, Bit 4. The differential AAF output of only one
channel can be accessed at a time. The dc output voltage is 1.5 V
(or AVDD2/2) and the maximum ac output voltage is 2 V p-p.
ADC
The AD9671 uses a pipelined ADC architecture. The quantized
output from each stage is combined into a 14-bit result in the
digital correction logic. The pipelined architecture permits the
first stage to operate on a new input sample and the remaining
stages to operate on preceding samples. Sampling occurs on the
rising edge of the clock.
The output staging block aligns the data, corrects errors, and
passes the data to the output buffers. The data is then serialized
and aligned to the frame and output clocks.
Clock Input Considerations
For optimum performance, clock the AD9671 sample clock
inputs (CLK+ and CLK−) with a differential signal. This signal
is typically ac-coupled into the CLK+ and CLK− pins via a
transformer or capacitors. These pins are biased internally and
require no additional bias.
Figure 39 shows the preferred method for clocking the AD9671.
A low jitter clock source, such as the Valpey Fisher oscillator,
VFAC3AHL-1 80.000, is converted from single-ended to
differential using an RF transformer. The back to back Schottky
diodes across the secondary transformer limit clock excursions
into the AD9671 to approximately 0.8 V p-p differential. This
limit prevents the large voltage swings of the clock from feeding
through to other portions of the AD9671, and it preserves the
fast rise and fall times of the signal, which are critical to low
jitter performance.
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSM2812
3.3V
50Ω
100Ω
CLK–
CLK+
ADC
MINI-CIRCUITS®
ADT1-1WT, 1:1Z
XFMR
VFAC3
OUT
Figure 39. Transformer-Coupled Differential Clock
If a low jitter clock is available, another option is to ac couple a
differential positive emitter-coupled logic (PECL) signal to the
sample clock input pins, as shown in Figure 40. Analog Devices,
Inc., offers a family of clock drivers with excellent jitter perform-
ance, including the AD9516-0, AD9516-1, AD9516-2, AD9516-3,
and AD9516-5 (these five devices are represented by AD9516-x in
Figure 40, Figure 41, and Figure 42), as well as the AD9524.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
AD9516-x OR AD9524
CLK
CLK
*50Ω RESISTOR IS OPTIONAL.
PECL DRIVER
3.3V
OUT
VFAC3
CLK–
CLK+
ADC
50Ω*
Figure 40. Differential PECL Sample Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com