Electronic Components Datasheet Search
  English  ▼

X  

AP3984 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3984
Description  PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3984 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3984 Datasheet HTML 2Page - Diodes Incorporated AP3984 Datasheet HTML 3Page - Diodes Incorporated AP3984 Datasheet HTML 4Page - Diodes Incorporated AP3984 Datasheet HTML 5Page - Diodes Incorporated AP3984 Datasheet HTML 6Page - Diodes Incorporated AP3984 Datasheet HTML 7Page - Diodes Incorporated AP3984 Datasheet HTML 8Page - Diodes Incorporated AP3984 Datasheet HTML 9Page - Diodes Incorporated AP3984 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AP3984
Document number: DS37655 Rev. 3 - 2
6 of 15
www.diodes.com
December 2016
© Diodes Incorporated
AP3984
Operation Description
+
C1
+
CO
VO
D1
RFB1
RFB2
RCS
C
FB
CS
GND
IC1
AP3984
Ns
NAUX
Np
IOUT
Vs
VAUX
vIN
LM
CBC
RCBC
Q1
OUT
GND
VCC
IC2
AP4341
R1
R2
Figure 1. Simplified Flyback Converter Controlled by AP3984
Constant Primary Peak Current
The primary IP(t) current is sensed by a current sense resistor RCS as shown in Figure 1.
The current rises up linearly at a rate of:
M
BULK
L
t
V
dt
t
dI
)
(
)
(
P
……… (1)
IP(t)
0A
See equation 2
IPK
Figure 2. Primary Current Waveform
As illustrated in Figure 2, when the current IP(t) rises up to IPK, the switch Q1 turns off. The constant peak current is given by:
CS
CS
PK
R
V
I
……………… (2)
The energy stored in the magnetizing inductance LM each cycle is therefore:
2
g
2
1
PK
M
I
L
E
………… (3)
So the power transferring from input to output is given by:
SW
PK
M
f
I
L
P
2
2
1
………(4)
Where fSW is the switching frequency. When the peak current IPK is constant, the output power depends on the switching frequency fSW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com