Electronic Components Datasheet Search
  English  ▼

X  

AP3984 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP3984
Description  PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3984 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP3984 Datasheet HTML 7Page - Diodes Incorporated AP3984 Datasheet HTML 8Page - Diodes Incorporated AP3984 Datasheet HTML 9Page - Diodes Incorporated AP3984 Datasheet HTML 10Page - Diodes Incorporated AP3984 Datasheet HTML 11Page - Diodes Incorporated AP3984 Datasheet HTML 12Page - Diodes Incorporated AP3984 Datasheet HTML 13Page - Diodes Incorporated AP3984 Datasheet HTML 14Page - Diodes Incorporated AP3984 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AP3984
Document number: DS37655 Rev. 3 - 2
13 of 15
www.diodes.com
December 2016
© Diodes Incorporated
AP3984
Package Outline Dimensions (All dimensions in mm(inch).)
(1 ) Package Type: SO-7
3.800(0.150)
4.000(0.157)
1.270(0.050)
TYP
4.700(0.185)
5.100(0.201)
0.330(0.013)
0.510(0.020)
0.150(0.006)
0.250(0.010)
0.080(0.003)
0.250(0.010)
1.350(0.053)
1.750(0.069)
0.450(0.017)
0.800(0.031)
8°
0°
5.800(0.228)
6.200(0.244)
2.54(0.100)
TYP
1.250(0.049)
1.500(0.059)
Note: Eject hole, oriented hole and mold mark is optional.
Option 2
45°
0.350(0.014)
TYP
Option 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com